Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UCD90240 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza UCD90240
Descripción Electrónicos  UCD90240 24-Rail PMBus Power Sequencer and System Manager
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

UCD90240 Datasheet(HTML) 5 Page - Texas Instruments

  UCD90240 Datasheet HTML 1Page - Texas Instruments UCD90240 Datasheet HTML 2Page - Texas Instruments UCD90240 Datasheet HTML 3Page - Texas Instruments UCD90240 Datasheet HTML 4Page - Texas Instruments UCD90240 Datasheet HTML 5Page - Texas Instruments UCD90240 Datasheet HTML 6Page - Texas Instruments UCD90240 Datasheet HTML 7Page - Texas Instruments UCD90240 Datasheet HTML 8Page - Texas Instruments UCD90240 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
UCD90240
www.ti.com
SLVSCW0 – FEBRUARY 2015
Pin Functions (continued)
PIN
I/O
DESCRIPTION
TYPE
NAME
NO.
EN21
J3
O
Digital output, rail enable signal
EN22
H4
O
Digital output, rail enable signal
EN23
H3
O
Digital output, rail enable signal
EN24
G4
O
Digital output, rail enable signal
CLOSED-LOOP MARGIN PINS
MARGIN1
J13
O
Closed-loop margin PWM output
MARGIN2
L5
O
Closed-loop margin PWM output
MARGIN3
D8
O
Closed-loop margin PWM output
MARGIN4
K6
O
Closed-loop margin PWM output
MARGIN5
D4
O
Closed-loop margin PWM output
MARGIN6
E4
O
Closed-loop margin PWM output
MARGIN7
F5
O
Closed-loop margin PWM output
MARGIN8
N5
O
Closed-loop margin PWM output
MARGIN9
N6
O
Closed-loop margin PWM output
MARGIN10
K5
O
Closed-loop margin PWM output
MARGIN11
M6
O
Closed-loop margin PWM output
MARGIN12
L6
O
Closed-loop margin PWM output
MARGIN13
D11
O
Closed-loop margin PWM output
MARGIN14
C12
O
Closed-loop margin PWM output
MARGIN15
A13
O
Closed-loop margin PWM output
MARGIN16
B13
O
Closed-loop margin PWM output
MARGIN17
D12
O
Closed-loop margin PWM output
MARGIN18
C13
O
Closed-loop margin PWM output
MARGIN19
E12
O
Closed-loop margin PWM output
MARGIN20
E13
O
Closed-loop margin PWM output
MARGIN21
M13
O
Closed-loop margin PWM output
MARGIN22
L12
O
Closed-loop margin PWM output
MARGIN23
M5
O
Closed-loop margin PWM output
MARGIN24
J12
O
Closed-loop margin PWM output
GPIO and CASCADING PINS
GPIO1
L4
I/O
GPI / Command GPO / WDI / WDO / System Reset / Fault Pin for multiple chip cascading
GPIO2
N1
I/O
GPI / Command GPO / WDI / WDO / System Reset / Fault Pin for multiple chip cascading
GPIO3
M4
I/O
GPI / Command GPO / WDI / WDO / System Reset / Fault Pin for multiple chip cascading
GPIO4
N2
I/O
GPI / Command GPO / WDI / WDO / System Reset / Fault Pin for multiple chip cascading
GPIO5
F4
I/O
GPI / Command GPO / WDI / WDO / System Reset / Fault Pin for multiple chip cascading
GPIO6
F3
I/O
GPI / Command GPO / WDI / WDO / System Reset / Fault Pin for multiple chip cascading
GPIO7
G3
I/O
GPI / Command GPO / WDI / WDO / System Reset / Fault Pin for multiple chip cascading
GPIO8
D10
I/O
GPI / Command GPO / WDI / WDO / System Reset / Fault Pin for multiple chip cascading
GPIO9
L11
I/O
GPI / Command GPO / WDI / WDO / System Reset / Fault Pin for multiple chip cascading
GPIO10
N12
I/O
GPI / Command GPO / WDI / WDO / System Reset / Fault Pin for multiple chip cascading
GPIO11
N11
I/O
GPI / Command GPO / WDI / WDO / System Reset / Fault Pin for multiple chip cascading
GPIO12
M11
I/O
GPI / Command GPO / WDI / WDO / System Reset / Fault Pin for multiple chip cascading
GPIO13
F13
I/O
GPI / Command GPO / WDI / WDO / System Reset / Fault Pin for multiple chip cascading
GPIO14
F12
I/O
GPI / Command GPO / WDI / WDO / System Reset / Fault Pin for multiple chip cascading
GPIO15
G11
I/O
GPI / Command GPO / WDI / WDO / System Reset / Fault Pin for multiple chip cascading
GPIO16
H10
I/O
GPI / Command GPO / WDI / WDO / System Reset / Fault Pin for multiple chip cascading
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: UCD90240


Número de pieza similar - UCD90240

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UCD90120 TI-UCD90120 Datasheet
2Mb / 40P
[Old version datasheet]   UCD90120 12-Channel Sequencer and System Health Monitor
UCD90120A TI1-UCD90120A Datasheet
1Mb / 43P
[Old version datasheet]   12-Rail Power Supply Sequencer and Monitor with ACPI Support
UCD90120ARGCR TI1-UCD90120ARGCR Datasheet
1Mb / 43P
[Old version datasheet]   12-Rail Power Supply Sequencer and Monitor with ACPI Support
UCD90120ARGCR TI1-UCD90120ARGCR Datasheet
1Mb / 58P
[Old version datasheet]   12-Rail Power Supply Sequencer and Monitor With ACPI Support
UCD90120ARGCT TI1-UCD90120ARGCT Datasheet
1Mb / 43P
[Old version datasheet]   12-Rail Power Supply Sequencer and Monitor with ACPI Support
More results

Descripción similar - UCD90240

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UCD90320U TI1-UCD90320U Datasheet
1Mb / 57P
[Old version datasheet]   32-Rail PMBus Power Sequencer and System Manager
UCD90320 TI1-UCD90320 Datasheet
375Kb / 14P
[Old version datasheet]   UCD90320 32-Rail PMBus??Power Sequencer and System Manager
logo
Linear Technology
LTC2974CUP-PBF LINER-LTC2974CUP-PBF Datasheet
1Mb / 98P
   4-Channel PMBus Power System Manager
LTC2979 LINER-LTC2979 Datasheet
243Kb / 20P
   16-Channel PMBus Low-Voltage Power System Manager
logo
Texas Instruments
LM25066I TI1-LM25066I Datasheet
1Mb / 60P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC with PMBus
logo
Altera Corporation
ES1030QI ALTERA-ES1030QI Datasheet
769Kb / 14P
   Power Rail Sequencer
logo
Linear Technology
LTC2972 LINER-LTC2972 Datasheet
2Mb / 112P
   2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
LTC2975 LINER-LTC2975_15 Datasheet
1Mb / 104P
   4-Channel PMBus Power System Manager Featuring Accurate Input Current and Energy Measurement
logo
Maxim Integrated Produc...
MAX34461 MAXIM-MAX34461 Datasheet
3Mb / 59P
   PMBus 16-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
MAX34460 MAXIM-MAX34460 Datasheet
3Mb / 65P
   PMBus 12-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com