Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UCD90240ZRBT Datasheet(PDF) 41 Page - Texas Instruments

No. de pieza UCD90240ZRBT
Descripción Electrónicos  UCD90240 24-Rail PMBus Power Sequencer and System Manager
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

UCD90240ZRBT Datasheet(HTML) 41 Page - Texas Instruments

Back Button UCD90240ZRBT Datasheet HTML 37Page - Texas Instruments UCD90240ZRBT Datasheet HTML 38Page - Texas Instruments UCD90240ZRBT Datasheet HTML 39Page - Texas Instruments UCD90240ZRBT Datasheet HTML 40Page - Texas Instruments UCD90240ZRBT Datasheet HTML 41Page - Texas Instruments UCD90240ZRBT Datasheet HTML 42Page - Texas Instruments UCD90240ZRBT Datasheet HTML 43Page - Texas Instruments UCD90240ZRBT Datasheet HTML 44Page - Texas Instruments UCD90240ZRBT Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
VIN
EN
DC-DC 1
VFB
VOUT
UCD90240
MON
EN
SYNC_CLK
UCD90240 (Cascaded)
GPIO
SYNC_CLK
GPIO
V33D
PMBus/I
2C
MON
MON
3.3V OUT
1.8V OUT
12V OUT
3.3V OUT
3.3V
MON
V33A
MON
MON
JTAG
GPIO
GPIO
WDI from main processor
WDO
GPIO
GPIO
GPIO
GPIO
POWER_GOOD
System Reset
GPI Fault
VREFA+
VIN
EN
LDO 1
VOUT
1.8V OUT
VIN
EN
DC-DC 2
VFB
VOUT
0.8V OUT
MARGIN
EN
EN
12V
0.8V OUT
12V OUT
GPIO
LGPO
LGPO
Fault Pin
INA196
VREFA-
I12V
I12V
MON
TEMP 0.8V
TEMP
IC
TEMP 0.8V
Hot Swap Control
EN
GATE
TEMP
IC
TEMP 12V
VREF (Optional)
3.3V Supply
TEMP 12V
MON
UCD90240
www.ti.com
SLVSCW0 – FEBRUARY 2015
Typical Application (continued)
8.2.1 Application Diagram
Figure 32. Simplified System Diagram
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: UCD90240


Número de pieza similar - UCD90240ZRBT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UCD90120 TI-UCD90120 Datasheet
2Mb / 40P
[Old version datasheet]   UCD90120 12-Channel Sequencer and System Health Monitor
UCD90120A TI1-UCD90120A Datasheet
1Mb / 43P
[Old version datasheet]   12-Rail Power Supply Sequencer and Monitor with ACPI Support
UCD90120ARGCR TI1-UCD90120ARGCR Datasheet
1Mb / 43P
[Old version datasheet]   12-Rail Power Supply Sequencer and Monitor with ACPI Support
UCD90120ARGCR TI1-UCD90120ARGCR Datasheet
1Mb / 58P
[Old version datasheet]   12-Rail Power Supply Sequencer and Monitor With ACPI Support
UCD90120ARGCT TI1-UCD90120ARGCT Datasheet
1Mb / 43P
[Old version datasheet]   12-Rail Power Supply Sequencer and Monitor with ACPI Support
More results

Descripción similar - UCD90240ZRBT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UCD90320U TI1-UCD90320U Datasheet
1Mb / 57P
[Old version datasheet]   32-Rail PMBus Power Sequencer and System Manager
UCD90320 TI1-UCD90320 Datasheet
375Kb / 14P
[Old version datasheet]   UCD90320 32-Rail PMBus??Power Sequencer and System Manager
logo
Linear Technology
LTC2974CUP-PBF LINER-LTC2974CUP-PBF Datasheet
1Mb / 98P
   4-Channel PMBus Power System Manager
LTC2979 LINER-LTC2979 Datasheet
243Kb / 20P
   16-Channel PMBus Low-Voltage Power System Manager
logo
Texas Instruments
LM25066I TI1-LM25066I Datasheet
1Mb / 60P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC with PMBus
logo
Altera Corporation
ES1030QI ALTERA-ES1030QI Datasheet
769Kb / 14P
   Power Rail Sequencer
logo
Linear Technology
LTC2972 LINER-LTC2972 Datasheet
2Mb / 112P
   2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
LTC2975 LINER-LTC2975_15 Datasheet
1Mb / 104P
   4-Channel PMBus Power System Manager Featuring Accurate Input Current and Energy Measurement
logo
Maxim Integrated Produc...
MAX34461 MAXIM-MAX34461 Datasheet
3Mb / 59P
   PMBus 16-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
MAX34460 MAXIM-MAX34460 Datasheet
3Mb / 65P
   PMBus 12-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com