Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAT54ADW Datasheet(PDF) 1 Page - Bruckewell Technology LTD

No. de pieza BAT54ADW
Descripción Electrónicos  SOT-363 Plastic-Encapsulate Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BWTECH [Bruckewell Technology LTD]
Página de inicio  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BAT54ADW Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  BAT54ADW Datasheet HTML 1Page - Bruckewell Technology LTD BAT54ADW Datasheet HTML 2Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT-363 Plastic-Encapsulate Diodes
BAT54ADW /BAT54BRW /
BAT54CDW /BAT54SDW /BAT54TW
SCHOTTKY BARRIER DIODE ARRAYS
FEATURES
Low Forward Voltage Drop
Fast Switching
Small Surface Mount Package
PN Junction Guard Ring for Transient and ESD Protection
Available in Lead Free Version
MARKING:
BAT54ADW
BAT54BRW
BAT54CDW
BAT54SDW
BAT54TW
MARKING: KL6
MARKING: KLB
MARKING: KL7
MARKING:KL8
MARKING: KLA
MAXIMUM RATINGS ( Ta=25unless otherwise noted )
Symbol
Parameter
Value
Unit
VRRM
Repetitive Peak Reverse Voltage
VRWM
Peak Working Reverse Voltage
VR
DC Blocking Voltage
30
V
IO
Forward Continuous Current
200
mA
IFRM
Repetitive Peak Forward Current
300
IFSM
Non-repetitive Peak Forward Surge Current @t≤1s
600
mA
PD
Power Dissipation
200
mW
RΘJA
Thermal Resistance From Junction To Ambient
500
℃/W
Tj
Junction Temperature
125
Tstg
Storage Temperature
-55~+150
SOT-363


Número de pieza similar - BAT54ADW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BAT54ADW DIODES-BAT54ADW Datasheet
83Kb / 4P
   Sub-miniature Schottky Diodes & Arrays in
logo
SHENZHEN YONGERJIA INDU...
BAT54ADW WINNERJOIN-BAT54ADW Datasheet
102Kb / 1P
   SCHOTTKY DIODE
logo
Diodes Incorporated
BAT54ADW DIODES-BAT54ADW Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30152 Rev. 7 - 2
logo
SeCoS Halbleitertechnol...
BAT54ADW SECOS-BAT54ADW Datasheet
494Kb / 2P
   Surface Mount Schottky Barrier Diode Array
logo
Weitron Technology
BAT54ADW WEITRON-BAT54ADW Datasheet
533Kb / 4P
   Surface Mount Schottky Barrier Diodes Arrays
More results

Descripción similar - BAT54ADW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
WILLAS ELECTRONIC CORP
BAS16TW1T1 WILLAS-BAS16TW1T1 Datasheet
368Kb / 3P
   SOT-363 Plastic-Encapsulate Diodes
logo
Nanjing International G...
BAS40TW DGNJDZ-BAS40TW Datasheet
1Mb / 4P
   SOT-363 Plastic-Encapsulate Diodes
logo
WILLAS ELECTRONIC CORP
MMBD4148TW WILLAS-MMBD4148TW Datasheet
391Kb / 3P
   SOT-363 Plastic-Encapsulate Diodes
logo
Nanjing International G...
MMBD4448DW DGNJDZ-MMBD4448DW Datasheet
1Mb / 4P
   SOT-363 Plastic-Encapsulate Diodes
BAS19AVD DGNJDZ-BAS19AVD Datasheet
1Mb / 4P
   SOT-363 Plastic-Encapsulate Diodes
BAS21TW DGNJDZ-BAS21TW Datasheet
1Mb / 4P
   SOT-363 Plastic-Encapsulate Diodes
MMBD4448TW DGNJDZ-MMBD4448TW Datasheet
1Mb / 4P
   SOT-363 Plastic-Encapsulate Diodes
BAT54ADW DGNJDZ-BAT54ADW Datasheet
946Kb / 5P
   SOT-363 Plastic-Encapsulate Diodes
BAS16TW DGNJDZ-BAS16TW Datasheet
1Mb / 4P
   SOT-363 Plastic-Encapsulate Diodes
logo
WILLAS ELECTRONIC CORP
BAV70DW WILLAS-BAV70DW Datasheet
368Kb / 3P
   SOT-363 Plastic-Encapsulate Diodes
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com