Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM320C30 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza SM320C30
Descripción Electrónicos  DIGITAL SIGNAL PROCESSOR
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C30 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SM320C30 Datasheet HTML 7Page - Texas Instruments SM320C30 Datasheet HTML 8Page - Texas Instruments SM320C30 Datasheet HTML 9Page - Texas Instruments SM320C30 Datasheet HTML 10Page - Texas Instruments SM320C30 Datasheet HTML 11Page - Texas Instruments SM320C30 Datasheet HTML 12Page - Texas Instruments SM320C30 Datasheet HTML 13Page - Texas Instruments SM320C30 Datasheet HTML 14Page - Texas Instruments SM320C30 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
TMS320C30
DIGITAL SIGNAL PROCESSOR
SPRS032A – APRIL 1996 – REVISED JUNE 1997
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
TMS320C30 Pin Functions (Continued)
PIN
TYPE†
DESCRIPTION
CONDITIONS
WHEN
NAME
QTY‡
TYPE†
DESCRIPTION
WHEN
SIGNAL IS Z TYPE§
SUPPLY AND OSCILLATOR SIGNALS (CONTINUED)
VBBP
1
NC
VBB pump oscillator output
VSUBS
1
I
Substrate terminal. Tie to ground.
X1
1
O
Output from the internal oscillator for the crystal. If a crystal is not used, X1
should be left unconnected.
X2 / CLKIN
1
I
Input to the internal oscillator from the crystal or a clock
H1
1
O/Z
External H1 clock. H1 has a period equal to twice CLKIN.
S
H3
1
O/Z
External H3 clock. H3 has a period equal to twice CLKIN.
S
RESERVED¶
EMU0 – EMU2
3
I
Reserved. Use pullup resistors to 5 V.
EMU3
1
O/Z
Reserved
S
EMU4 / SHZ
1
I
Shutdown high impedance. When active, EMU4 / SHZ shuts down the
TMS320C30 and places all pins in the high-impedance state. EMU4 / SHZ is
used for board-level testing to ensure that no dual-drive conditions occur.
CAUTION:
A low on SHZ corrupts TMS320C30 memory and register
contents. Reset the device with SHZ high to restore it to a known operating
condition.
EMU5, EMU6
2
NC
Reserved
RSV10 – RSV5
6
I/O
Reserved. Use pullup resistors to 5 V.
RSV4 – RSV0
5
I
Reserved. Tie pins directly to 5 V.
Locator
1#
NC
Reserved
† I = input, O = output, Z = high-impedance state. All pins labeled NC have special functions and should not be connected by the user.
‡ Quantity is the same for GEL and PPM packages unless otherwise noted.
§ S = SHZ active, H = HOLD active, R = RESET active
¶ Follow the connections specified for the reserved pins. Use 18-k
Ω–22-kΩ pullup resistors for best results. All 5-V supply pins must be connected
to a common supply plane, and all ground pins must be connected to a common ground plane.
# For the GEL package only. There is no locator in the PPM package.


Número de pieza similar - SM320C30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SM320C30 TI1-SM320C30 Datasheet
888Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C30GBM40 TI-SM320C30GBM40 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C30GBM40 TI1-SM320C30GBM40 Datasheet
888Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C30GBM40 TI1-SM320C30GBM40 Datasheet
816Kb / 49P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C30GBM50 TI-SM320C30GBM50 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Descripción similar - SM320C30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com