Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8929 Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza TDA8929
Descripción Electrónicos  Controller class-D audio amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8929 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8929 Datasheet HTML 5Page - NXP Semiconductors TDA8929 Datasheet HTML 6Page - NXP Semiconductors TDA8929 Datasheet HTML 7Page - NXP Semiconductors TDA8929 Datasheet HTML 8Page - NXP Semiconductors TDA8929 Datasheet HTML 9Page - NXP Semiconductors TDA8929 Datasheet HTML 10Page - NXP Semiconductors TDA8929 Datasheet HTML 11Page - NXP Semiconductors TDA8929 Datasheet HTML 12Page - NXP Semiconductors TDA8929 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
2001 Dec 11
9
Philips Semiconductors
Preliminary specification
Controller class-D audio amplifier
TDA8929T
8.2
Pulse width modulation frequency
The output signal of the power stage is a PWM signal with
a carrier frequency of approximately 300 kHz. Using a
second-order LC demodulation filter in the application
results in an analog audio signal across the loudspeaker.
This switching frequency is fixed by an external resistor
ROSC connected between pin OSC and VSS. With the
resistor value given in the application diagram, the carrier
frequency is typical 317 kHz. The carrier frequency can be
calculated using:
[Hz]
If two or more class-D systems are used in the same audio
application, it is advised to have all devices working at the
same switching frequency. This can be realized by
connecting all OSC pins together and feed them from an
external oscillator. Using an external oscillator it is
necessary to force pin OSC to a DC-level above SGND for
switching from the internal to an external oscillator. In this
case the internal oscillator is disabled and the PWM will
switch on the external frequency. The frequency range of
the external oscillator must be in the range as specified in
the switching characteristics.
Application in a practical circuit:
• Internal oscillator: ROSC connected between pin OSC
and VSS
• External oscillator: connect oscillator signal between
pin OSC and pin SGND; delete ROSC.
8.3
Protections
The controller is provided with two diagnostic inputs. One
or both pins can be connected to the diagnostic output of
one or more power stages.
8.3.1
DIAGNOSTIC TEMPERATURE
A LOW level on pin DIAGTMP will immediately force both
pins EN1 and EN2 to a LOW level. The power stage shuts
down and the temperature is expected to drop. If
pin DIAGTMP goes HIGH, pins EN1 and EN2 will
immediately go HIGH and normal operation will be
maintained.
Temperature hysteresis, a delay before enabling the
system again, is arranged in the power stage. Internally
there is a pull-up resistance to 5 V at the diagnostic input
of the controller. Because the diagnostic output of the
power stage is an open-drain output, diagnostic lines can
be connected together (wired-OR). It should be noted that
the TDA8929T itself has no temperature protection.
8.3.2
DIAGNOSTIC CURRENT
This input is intended to protect against short-circuits
across the loudspeaker load. In the event that the current
limit in the power stage is exceeded, pin DIAGCUR must
be pulled to a LOW level. A LOW level on the diagnostic
current input will immediately force the output pins EN1
and EN2 to a LOW level. The power stage will shut down
within less than 1
µs and the high current is switched off.
In this state the dissipation is very low. Every 220 ms the
controller will attempt to restart the system. If there is still
a short-circuit across the loudspeaker load, the system is
switched off again as soon as the maximum current is
exceeded. The average dissipation will be low because of
this low duty factor. The actual current limiting value is set
by the power stage.
Depending on the type of power stage which is used,
several values are possible:
• TDA8926TH: limit value can be externally adjusted with
a resistor; maximum is 5 A
• TDA8927TH: limit value can be externally adjusted with
a resistor; maximum is 7.5 A
• TDA8926J and TDA8926ST: limit value is fixed at 5 A
• TDA8927J and TDA8927ST: limit value is fixed at 7.5 A.
f
osc
910
9
×
R
OSC
-------------------
=


Número de pieza similar - TDA8929

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920BJ PHILIPS-TDA8920BJ Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920BTH PHILIPS-TDA8920BTH Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920C NXP-TDA8920C Datasheet
275Kb / 40P
   2 X110 W class-D power amplifier
Rev. 01-29 September 2008
More results

Descripción similar - TDA8929

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8933B NXP-TDA8933B Datasheet
244Kb / 42P
   Class D audio amplifier
Rev. 01-23 October 2008
TDA8933 NXP-TDA8933 Datasheet
265Kb / 47P
   Class-D audio amplifier
Rev. 01-15 May 2007
TDA8932B NXP-TDA8932B Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
logo
International Rectifier
IRAUDPS3 IRF-IRAUDPS3_15 Datasheet
1Mb / 20P
   Class-D Audio Amplifier
logo
NXP Semiconductors
TDA8932B PHILIPS-TDA8932B_15 Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
TDA8932 NXP-TDA8932 Datasheet
246Kb / 45P
   Class-D audio amplifier
Rev.02-12 December 2006
logo
AiT Semiconductor Inc.
A2323 AITSEMI-A2323 Datasheet
1Mb / 18P
   AUDIO AMPLIFIER 2.65W CLASS-D AUDIO POWER AMPLIFIER
REV3.0
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
   Class-D Audio Power Amplifier
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com