Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM26LS31XNS Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza AM26LS31XNS
Descripción Electrónicos  Quadruple Differential Line Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

AM26LS31XNS Datasheet(HTML) 11 Page - Texas Instruments

Back Button AM26LS31XNS Datasheet HTML 7Page - Texas Instruments AM26LS31XNS Datasheet HTML 8Page - Texas Instruments AM26LS31XNS Datasheet HTML 9Page - Texas Instruments AM26LS31XNS Datasheet HTML 10Page - Texas Instruments AM26LS31XNS Datasheet HTML 11Page - Texas Instruments AM26LS31XNS Datasheet HTML 12Page - Texas Instruments AM26LS31XNS Datasheet HTML 13Page - Texas Instruments AM26LS31XNS Datasheet HTML 14Page - Texas Instruments AM26LS31XNS Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
A
D
B
Z
Status
R
D
R
D
R
D
R
AM26LS31
AM26LS32
Encoder
Interpolation
Electronics
Encoder Phase A
Encoder Phase B
Encoder Index
Status
Servo Drive
Motion Controller
Copyright © 2016, Texas Instruments Incorporated
11
AM26LS31, AM26LS31C, AM26LS31I, AM26LS31M
www.ti.com
SLLS114K – JANUARY 1979 – REVISED JULY 2016
Product Folder Links: AM26LS31 AM26LS31M
Submit Documentation Feedback
Copyright © 1979–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
When designing a system that uses drivers, receivers, and transceivers that comply with RS-422 or RS-485,
proper cable termination is essential for highly reliable applications with reduced reflections in the transmission
line. Because RS-422 allows only one driver on the bus, if termination is used, it is placed only at the end of the
cable near the last receiver. In general, RS-485 requires termination at both ends of the cable. Factors to
consider when determining the type of termination usually are performance requirements of the application and
the ever-present factor, cost. The different types of termination techniques discussed are unterminated lines,
parallel termination, AC termination, and multipoint termination. Laboratory waveforms for each termination
technique (except multipoint termination) illustrate the usefulness and robustness of RS-422 (and, indirectly, RS-
485). Similar results can be obtained if 485-compliant devices and termination techniques are used. For
laboratory experiments, 100 feet of 100-Ω, 24-AWG, twisted-pair cable (Bertek) was used. A single driver and
receiver, TI AM26LS31 and AM26LS32C, respectively, were tested at room temperature with a 5-V supply
voltage. Two plots per termination technique are shown. In each plot, the top waveform is the driver input and the
bottom waveform is the receiver output. To show voltage waveforms related to transmission-line reflections, the
first plot shows output waveforms from the driver at the start of the cable; the second plot shows input waveforms
to the receiver at the far end of the cable.
9.2 Typical Application
Figure 12. Encoder Application


Número de pieza similar - AM26LS31XNS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AM26LS31XNS TI-AM26LS31XNS Datasheet
1Mb / 34P
[Old version datasheet]   AM26LS31x Quadruple Differential Line Driver
REVISED OCTOBER 2018
More results

Descripción similar - AM26LS31XNS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS192 TI-SN75ALS192 Datasheet
156Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_08 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174A TI1-SN75ALS174A_18 Datasheet
1Mb / 19P
[Old version datasheet]   Quadruple Differential Line Driver
5962-7802301Q2A TI-5962-7802301Q2A Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174ADWR TI1-SN75ALS174ADWR Datasheet
839Kb / 14P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com