Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MAX232E Datasheet(PDF) 10 Page - Texas Instruments |
|
MAX232E Datasheet(HTML) 10 Page - Texas Instruments |
10 / 27 page DIN1 DOUT1 RIN1 ROUT1 DIN2 DOUT2 RIN2 ROUT2 11 10 12 9 14 7 13 8 10 MAX232E SLLS723C – APRIL 2006 – REVISED AUGUST 2016 www.ti.com Product Folder Links: MAX232E Submit Documentation Feedback Copyright © 2006–2016, Texas Instruments Incorporated 8.4 Device Functional Modes 8.4.1 VCC Powered by 5 V The device is in normal operation. 8.4.2 VCC Unpowered When MAX232E is unpowered, it can be safely connected to an active remote RS-232 device. 8.4.3 Truth Tables Table 1 and Table 2 list the functions of this device. (1) H = high level, L = low level Table 1. Function Table for Each Driver(1) INPUT DIN OUTPUT DOUT L H H L (1) H = high level, L = low level, Open = input disconnected or connected driver off Table 2. Function Table for Each Receiver(1) INPUT RIN OUTPUT ROUT L H H L Open H Figure 9. Logic Diagram (Positive Logic) |
Número de pieza similar - MAX232E_16 |
|
Descripción similar - MAX232E_16 |