Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC3486DG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza MC3486DG4
Descripción Electrónicos  QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

MC3486DG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button MC3486DG4 Datasheet HTML 2Page - Texas Instruments MC3486DG4 Datasheet HTML 3Page - Texas Instruments MC3486DG4 Datasheet HTML 4Page - Texas Instruments MC3486DG4 Datasheet HTML 5Page - Texas Instruments MC3486DG4 Datasheet HTML 6Page - Texas Instruments MC3486DG4 Datasheet HTML 7Page - Texas Instruments MC3486DG4 Datasheet HTML 8Page - Texas Instruments MC3486DG4 Datasheet HTML 9Page - Texas Instruments MC3486DG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MC3486
QUADRUPLE DIFFERENTIAL LINE RECEIVER
WITH 3-STATE OUTPUTS
SLLS097C – JUNE 1980 – REVISED FEBRUARY 2002
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
tPZH
3 V
1.5 V
0 V
VOH
1.3 V
Input
Output
tPZH
SW1 to 1.5 V
SW2 Open
SW3 Closed
SW3 Closed
SW2 Closed
SW1 to 1.5 V
tPHZ
tPHZ
1.3 V
VOH
0 V
3 V
0.5 V
SW3 Open
SW2 Closed
SW1 to – 1.5 V
tPZL
tPZL
0 V
1.5 V
3 V
0 V
tPLZ
tPLZ
SW1 to – 1.5 V
SW2 Closed
SW3 Closed
4.5 V
1.5 V
VOL
3 V
1.3 V
0.5 V
VOL
1.5 V
1.5 V
Input
Output
Input
Output
Input
Output
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, duty cycle = 50%, tr ≤ 6 ns,
tf ≤ 6 ns.
B. CL includes probe and stray capacitance.
C. All diodes are 1N916 or equivalent.
Generator
(see Note A)
51
– 1.5 V
1.5 V
SW1
CL = 15 pF
(see Note B)
5 k
See Note C
SW3
SW2
5 V
2 k
Output
TEST CIRCUIT
Figure 3. Test Circuit and Voltage Waveforms


Número de pieza similar - MC3486DG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
MC3486D TI-MC3486D Datasheet
106Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
MC3486D TI-MC3486D Datasheet
385Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
MC3486DE4 TI-MC3486DE4 Datasheet
385Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
MC3486DR TI-MC3486DR Datasheet
385Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
MC3486DRE4 TI-MC3486DRE4 Datasheet
385Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
More results

Descripción similar - MC3486DG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
MC3486 TI-MC3486 Datasheet
106Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
MC3486 TI-MC3486_06 Datasheet
385Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD26LS31 HITACHI-HD26LS31 Datasheet
81Kb / 15P
   Quadruple Differential Line Drivers With 3 State Outputs
HD26LS32A HITACHI-HD26LS32A Datasheet
42Kb / 5P
   Quadruple Differential Line Receivers With 3 State Outputs
logo
List of Unclassifed Man...
HD75153 ETC-HD75153 Datasheet
35Kb / 6P
   Quadruple Differential Line Drivers With 3 State Outputs
logo
Renesas Technology Corp
HD26LS32A RENESAS-HD26LS32A Datasheet
134Kb / 8P
   Quadruple Differential Line Receivers With 3 State Outputs
HD26LS32 RENESAS-HD26LS32 Datasheet
202Kb / 15P
   Quadruple Differential Line Receivers With 3 State Outputs
logo
Hitachi Semiconductor
HD26C32A HITACHI-HD26C32A Datasheet
97Kb / 14P
   Quadruple Differential Line Receivers With 3 State Outputs
HD26LS32 HITACHI-HD26LS32 Datasheet
88Kb / 15P
   Quadruple Differential Line Receivers With 3 State Outputs
logo
Renesas Technology Corp
HD29413 RENESAS-HD29413 Datasheet
139Kb / 8P
   Quadruple Differential Line Receivers With 3 State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com