Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCP23S17-E/SO Datasheet(PDF) 11 Page - Microchip Technology

No. de pieza MCP23S17-E/SO
Descripción Electrónicos  16-Bit I/O Expander with Serial Interface
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23S17-E/SO Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP23S17-E/SO Datasheet HTML 7Page - Microchip Technology MCP23S17-E/SO Datasheet HTML 8Page - Microchip Technology MCP23S17-E/SO Datasheet HTML 9Page - Microchip Technology MCP23S17-E/SO Datasheet HTML 10Page - Microchip Technology MCP23S17-E/SO Datasheet HTML 11Page - Microchip Technology MCP23S17-E/SO Datasheet HTML 12Page - Microchip Technology MCP23S17-E/SO Datasheet HTML 13Page - Microchip Technology MCP23S17-E/SO Datasheet HTML 14Page - Microchip Technology MCP23S17-E/SO Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
 2005-2016 Microchip Technology Inc.
DS20001952C-page 11
MCP23017/MCP23S17
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PINOUT DESCRIPTION
Pin
Name
QFN
SOIC
SPDIP
SSOP
Pin
Type
Function
GPB0
25
1
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor.
GPB1
26
2
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor.
GPB2
27
3
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor.
GPB3
28
4
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor.
GPB4
1
5
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor.
GPB5
2
6
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor.
GPB6
3
7
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor.
GPB7
4
8
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor.
VDD
5
9
P
Power
VSS
6
10
P
Ground
NC/CS
7
11
I
NC (MCP23017)/Chip Select (MCP23S17)
SCK
8
12
I
Serial clock input
SDA/SI
9
13
I/O
Serial data I/O (MCP23017)/Serial data input (MCP23S17)
NC/SO
10
14
O
NC (MCP23017)/Serial data out (MCP23S17)
A0
11
15
I
Hardware address pin. Must be externally biased.
A1
12
16
I
Hardware address pin. Must be externally biased.
A2
13
17
I
Hardware address pin. Must be externally biased.
RESET
14
18
I
Hardware reset. Must be externally biased.
INTB
15
19
O
Interrupt output for PORTB. Can be configured as active-high, active-low or open-drain.
INTA
16
20
O
Interrupt output for PORTA. Can be configured as active-high, active-low or open-drain.
GPA0
17
21
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor.
GPA1
18
22
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor.
GPA2
19
23
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor.
GPA3
20
24
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor.
GPA4
21
25
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor.
GPA5
22
26
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor.
GPA6
23
27
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor.
GPA7
24
28
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak pull-up resistor.
EP
29
Exposed Thermal Pad. Either connect to VSS, or leave unconnected.


Número de pieza similar - MCP23S17-E/SO

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
MCP23S17-E/SO MICROCHIP-MCP23S17-E/SO Datasheet
947Kb / 48P
   16-Bit I/O Expander with Serial Interface
2007
More results

Descripción similar - MCP23S17-E/SO

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
MCP23017 MICROCHIP-MCP23017 Datasheet
947Kb / 48P
   16-Bit I/O Expander with Serial Interface
2007
MCP23008 MICROCHIP-MCP23008_07 Datasheet
839Kb / 44P
   8-Bit I/O Expander with Serial Interface
2007
MCP23008 MICROCHIP-MCP23008 Datasheet
498Kb / 40P
   8-Bit I/O Expander with Serial Interface
2005
logo
Renesas Technology Corp
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
   16-BIT I/O EXPANDER
logo
Mitsubishi Electric Sem...
M66008P MITSUBISHI-M66008P Datasheet
107Kb / 5P
   16-BIT I/O EXPANDER
logo
Microchip Technology
MCP23016 MICROCHIP-MCP23016 Datasheet
569Kb / 38P
   16-Bit I2C??I/O Expander
2007
logo
ON Semiconductor
PCA9655E ONSEMI-PCA9655E_17 Datasheet
171Kb / 20P
   Remote 16-bit I/O Expander
March, 2017 ??Rev. 5
logo
Microchip Technology
MCP23016T-I MICROCHIP-MCP23016T-I Datasheet
424Kb / 38P
   16-Bit I2C I/O Expander
12/08/06
logo
ON Semiconductor
PCA9655E ONSEMI-PCA9655E Datasheet
170Kb / 20P
   Remote 16-bit I/O Expander
January, 2016 ??Rev. 4
logo
Princeton Technology Co...
PT8300 PTC-PT8300 Datasheet
56Kb / 4P
   16-Bit I/O Expander IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com