Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCP14A0051 Datasheet(PDF) 4 Page - Microchip Technology

No. de pieza MCP14A0051
Descripción Electrónicos  0.5A MOSFET Driver With Low Threshold Input And Enable
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14A0051 Datasheet(HTML) 4 Page - Microchip Technology

  MCP14A0051 Datasheet HTML 1Page - Microchip Technology MCP14A0051 Datasheet HTML 2Page - Microchip Technology MCP14A0051 Datasheet HTML 3Page - Microchip Technology MCP14A0051 Datasheet HTML 4Page - Microchip Technology MCP14A0051 Datasheet HTML 5Page - Microchip Technology MCP14A0051 Datasheet HTML 6Page - Microchip Technology MCP14A0051 Datasheet HTML 7Page - Microchip Technology MCP14A0051 Datasheet HTML 8Page - Microchip Technology MCP14A0051 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MCP14A0051/2
DS20005369A-page 4
 2014 Microchip Technology Inc.
Delay Time
tD1
—33
41
ns
VDD =18V, VIN =5V, see
Figure 4-1, Figure 4-2,
(Note 1)
Delay Time
tD2
—24
32
ns
VDD =18V, VIN =5V, see
Figure 4-1, Figure 4-2,
(Note 1)
Power Supply
Supply Voltage
VDD
4.5
18
V
Power Supply Current
IDD
330
560
µA
VIN =3V, VEN = 3V
IDD
360
580
µA
VIN =0V, VEN = 3V
IDD
360
580
µA
VIN =3V, VEN = 0V
IDD
375
600
µA
VIN =0V, VEN = 0V
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications:
Unless otherwise noted, TA = +25°C, with 4.5V  VDD  18V.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Tested during characterization, not production tested.
DC CHARACTERISTICS (OVER OPERATING TEMP. RANGE) (Note 1)
Electrical Specifications:
Unless otherwise indicated, over the operating range with 4.5V
 VDD  18V.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input
Input Voltage Range
VIN
GND - 0.3V
VDD +0.3
V
Logic ‘1’ High Input Voltage
VIH
2.0
1.6
V
Logic ‘0’ Low Input Voltage
VIL
—1.2
0.8
V
Input Voltage Hysteresis
VHYST(IN)
—0.4
V
Input Current
IIN
-10
+10
µA
0V
 VIN  VDD
Enable
Enable Voltage Range
VEN
GND - 0.3V
VDD +0.3
V
Logic ‘1’ High Enable Voltage
VEH
2.0
1.6
V
Logic ‘0’ Low Enable Voltage
VEL
—1.2
0.8
V
Enable Voltage Hysteresis
VHYST(EN)
—0.4
V
Enable Input Current
IEN
—12
µA
VDD =18V, ENB = AGND
Propagation Delay
tD3
—33
41
ns
VDD =18V, VEN =5V, TA =+125°C,
see Figure 4-3
Propagation Delay
tD4
—25
33
ns
VDD =18V, VEN =5V, TA =+125°C,
see Figure 4-3
Output
High Output Voltage
VOH
VDD - 0.025 —
V
DC Test
Low Output Voltage
VOL
0.025
V
DC Test
Output Resistance, High
ROH
——
24
IOUT =10mA, VDD =18V
Output Resistance, Low
ROL
——
15
IOUT =10mA, VDD =18V
Note 1:
Tested during characterization, not production tested.


Número de pieza similar - MCP14A0051

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
MCP14A0051 MICROCHIP-MCP14A0051 Datasheet
671Kb / 24P
   0.5A MOSFET Driver with Low Threshold Input and Enable
Revision B (May 2022)
MCP14A0051T-E/CH MICROCHIP-MCP14A0051T-E/CH Datasheet
671Kb / 24P
   0.5A MOSFET Driver with Low Threshold Input and Enable
Revision B (May 2022)
MCP14A0051 MICROCHIP-MCP14A0051_V01 Datasheet
671Kb / 24P
   0.5A MOSFET Driver with Low Threshold Input and Enable
Revision B (May 2022)
More results

Descripción similar - MCP14A0051

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
MCP14A0051 MICROCHIP-MCP14A0051_V01 Datasheet
671Kb / 24P
   0.5A MOSFET Driver with Low Threshold Input and Enable
Revision B (May 2022)
MCP14A0151 MICROCHIP-MCP14A0151 Datasheet
560Kb / 24P
   1.5A MOSFET Driver with Low Threshold Input And Enable
03/25/14
MCP14A0153 MICROCHIP-MCP14A0153 Datasheet
781Kb / 30P
   1.5A Dual MOSFET Driver with Low Threshold Input And Enable
07/14/15
MCP14A0303 MICROCHIP-MCP14A0303 Datasheet
877Kb / 34P
   3A Dual MOSFET Driver with Low Threshold Input and Enable
Revision A June 2018
MCP14A0153 MICROCHIP-MCP14A0153_15 Datasheet
776Kb / 30P
   1.5A Dual MOSFET Driver with Low Threshold Input And Enable
07/14/15
logo
Advanced Monolithic Sys...
AMS4123 ADMOS-AMS4123 Datasheet
590Kb / 18P
   Dual Threshold Enable
logo
Motorola, Inc
MC10H423 MOTOROLA-MC10H423 Datasheet
86Kb / 2P
   TRIPLE-3 INPUT BUS DRIVER WITH ENABLE
logo
NXP Semiconductors
74AUP1Z125 NXP-74AUP1Z125 Datasheet
143Kb / 29P
   Low-power X-tal driver with enable and internal resistor
Rev. 02-7 August 2008
74AUP1Z04 NXP-74AUP1Z04 Datasheet
130Kb / 25P
   Low-power X-tal driver with enable and internal resistor
Rev. 02-3 July 2008
74AUP1Z125 PHILIPS-74AUP1Z125 Datasheet
121Kb / 27P
   Low-power X-tal driver with enable and internal resistor
Rev. 01-3 August 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com