Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM80-01-4 Datasheet(PDF) 9 Page - Finisar Corporation.

No. de pieza DM80-01-4
Descripción Electrónicos  10Gb/s 120km Telecom CML 13pin-GPO Butterfly Transmitter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FINISAR [Finisar Corporation.]
Página de inicio  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

DM80-01-4 Datasheet(HTML) 9 Page - Finisar Corporation.

Back Button DM80-01-4 Datasheet HTML 2Page - Finisar Corporation. DM80-01-4 Datasheet HTML 3Page - Finisar Corporation. DM80-01-4 Datasheet HTML 4Page - Finisar Corporation. DM80-01-4 Datasheet HTML 5Page - Finisar Corporation. DM80-01-4 Datasheet HTML 6Page - Finisar Corporation. DM80-01-4 Datasheet HTML 7Page - Finisar Corporation. DM80-01-4 Datasheet HTML 8Page - Finisar Corporation. DM80-01-4 Datasheet HTML 9Page - Finisar Corporation. DM80-01-4 Datasheet HTML 10Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DM80-01-3/4 CML
TM Butterfly Transmitter Product Specification – May 2007
F i n i s a r
©
Finisar Corporation –24-May-07
Rev_A
Page 9
Electro-Static Discharge (ESD)
The device meets the ESD Class 3 requirements of the Telcordia standard TR-NWT-
000870 Issue 1, dated February 1991.
IX. Order Information
Product code
For the product specified in this document, the proper product code shall be:
DM80-01-3 ( or -4) -xxxx-3-LC-yyyy
This product code should be specified when placing a purchase order.
“01” indicates a butterfly box module as specified in this document.
“3” indicates the laser wavelength can be tuned over a sub-band to cover 8 ITU-T
channels with 50GHz spacing; -“4” indicates the laser wavelength can be tuned
over a sub-band to cover 4 ITU-T channels with 100GHz spacing.
“xxxx” is the channel ID as specified in Table 9 and Table 10. For 4 X 100GHz
option (-(-“4” for the wavelength selection field), “xxxx” indicates a sub-band
which consists of channel “xxxx”, 2 adjacent 100GHz channels on the longer
wavelength (lower frequency) side, and 1 adjacent 100GHz channel on the shorter
wavelength (higher frequency) side. Example: channel “9230” for this option
indicates a sub-band consisting of 4 channels on ITU-T 100GHz grids at
frequencies of 192100GHz, 192200GHz, 192300GHz, and 192400GHz. For 8 X
50GHz option (-“3” for the wavelength selection field), “xxxx” indicates a sub-
band which consists of channel “xxxx”, 4 adjacent 50GHz channels on the longer
wavelength (lower frequency) side, and 3 adjacent 50GHz channels on the shorter
wavelength (higher frequency) side. Example: channel “9230” for this option
indicates a sub-band consisting of 8 channels on ITU-T 50GHz grids at
frequencies of 192100GHz, 192150GHz, 192200GHz, 192250GHz, 192300GHz,
192350GHz, 192400GHz, and 192450GHz.
“3” indicates modulated output power range is >4dBm. Please contact Finisar if
different power level is needed.
“LC” indicates the fiber connector is LC type. FC and other connector types are
also available.
“yyyy” indicates any special customized request and need to be agreed with
Finisar prior to ordering


Número de pieza similar - DM80-01-4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Finisar Corporation.
DM80-01-0 FINISAR-DM80-01-0 Datasheet
263Kb / 10P
   10Gb/s 120km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM80-01-1 FINISAR-DM80-01-1 Datasheet
263Kb / 10P
   10Gb/s 120km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM80-01-2 FINISAR-DM80-01-2 Datasheet
263Kb / 10P
   10Gb/s 120km Telecom CMLTM 13pin-GPO Butterfly Transmitter
More results

Descripción similar - DM80-01-4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Finisar Corporation.
DM80-01-0 FINISAR-DM80-01-0 Datasheet
263Kb / 10P
   10Gb/s 120km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM200-01-4-9470-0-LC FINISAR-DM200-01-4-9470-0-LC Datasheet
263Kb / 10P
   10Gb/s 200km Telecom CML 13pin-GPO Butterfly Transmitter
DM200-01-3 FINISAR-DM200-01-3 Datasheet
264Kb / 10P
   10Gb/s 200km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM200-01-0 FINISAR-DM200-01-0 Datasheet
262Kb / 10P
   10Gb/s 200km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM80-02-0 FINISAR-DM80-02-0 Datasheet
231Kb / 10P
   10Gb/s 120km Telecom CMLTM Transmitter Optical Sub-Assembly (TOSA)
DM200-02-0 FINISAR-DM200-02-0 Datasheet
231Kb / 10P
   10Gb/s 200km Telecom CMLTM Transmitter Optical Sub-Assembly (TOSA)
logo
Bookham, Inc.
EML10ZCA BOOKHAM-EML10ZCA Datasheet
365Kb / 8P
   10Gb/s EA Modulator and DFB Laser with GPO RF Connector
EML10WCB BOOKHAM-EML10WCB Datasheet
521Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10WCA BOOKHAM-EML10WCA Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
MT10EW BOOKHAM-MT10EW Datasheet
547Kb / 10P
   24 PIN 10Gb/s Long Reach DWDM Serial Transmitter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com