Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FCBG410QB1C03 Datasheet(PDF) 1 Page - Finisar Corporation.

No. de pieza FCBG410QB1C03
Descripción Electrónicos  Quadwire짰 40 Gb/s Parallel Active Optical Cable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FINISAR [Finisar Corporation.]
Página de inicio  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FCBG410QB1C03 Datasheet(HTML) 1 Page - Finisar Corporation.

  FCBG410QB1C03 Datasheet HTML 1Page - Finisar Corporation. FCBG410QB1C03 Datasheet HTML 2Page - Finisar Corporation. FCBG410QB1C03 Datasheet HTML 3Page - Finisar Corporation. FCBG410QB1C03 Datasheet HTML 4Page - Finisar Corporation. FCBG410QB1C03 Datasheet HTML 5Page - Finisar Corporation. FCBG410QB1C03 Datasheet HTML 6Page - Finisar Corporation. FCBG410QB1C03 Datasheet HTML 7Page - Finisar Corporation. FCBG410QB1C03 Datasheet HTML 8Page - Finisar Corporation. FCBG410QB1C03 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
F i n i s a r
 Finisar Corporation – 11-Dec-13 Rev B7
Page 1
Product Specification
Quadwire® 40 Gb/s Parallel Active Optical Cable
FCBG410QB1Cxx
PRODUCT FEATURES
 Four-channel full-duplex active
optical cable
 Electrical interface only
 Multirate capability: 1.06Gb/s to
10.5Gb/s per channel
 Complies with QSFP MSA high-
density form factor
 Reliable VCSEL array technology
using multimode fiber
 Available in standard lengths of
3, 5, 10, 15, 20, 30, 50 and 100m*
 Hot Pluggable
 Flat, ribbonized, LSZH cable
 Low power dissipation: <1.3W per
cable end
 Commercial operating case
temperature range: 0ºC to 70ºC
 RoHS-6 Compliant
APPLICATIONS
 Infiniband QDR
 40G Ethernet
 4G/8G/10G Fibre Channel
 HPC Interconnections
PRODUCT SELECTION (Standard Lengths*)
FCBG410QB1C03
3-meter cable
FCBG410QB1C05
5-meter cable
FCBG410QB1C10
10-meter cable
FCBG410QB1C15
15-meter cable
FCBG410QB1C20
20-meter cable
FCBG410QB1C30
30-meter cable
FCBG410QB1C50
50-meter cable
FCBG410QB1CX0
100-meter cable
*For availability of additional cable lengths, please contact Finisar.


Número de pieza similar - FCBG410QB1C03

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Finisar Corporation.
FCBG110SD1C01 FINISAR-FCBG110SD1C01 Datasheet
739Kb / 9P
   RoHS-6 Compliant 10Gb/s SFPwire SFP Active Optical Cable
logo
ATGBICS by Approved Tec...
FCBG110SD1C01B-C ATGBICS-FCBG110SD1C01B-C Datasheet
390Kb / 6P
   FCBG110SD1C01B Finisar Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (1m, Passive)
logo
Finisar Corporation.
FCBG110SD1C02 FINISAR-FCBG110SD1C02 Datasheet
739Kb / 9P
   RoHS-6 Compliant 10Gb/s SFPwire SFP Active Optical Cable
FCBG110SD1C03 FINISAR-FCBG110SD1C03 Datasheet
739Kb / 9P
   RoHS-6 Compliant 10Gb/s SFPwire SFP Active Optical Cable
logo
ATGBICS by Approved Tec...
FCBG110SD1C03-C ATGBICS-FCBG110SD1C03-C Datasheet
151Kb / 3P
   FCBG110SD1C03 Finisar Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (3m, Passive)
More results

Descripción similar - FCBG410QB1C03

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Finisar Corporation.
FCBN410QB1CXX FINISAR-FCBN410QB1CXX Datasheet
585Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBN510QE2CXX FINISAR-FCBN510QE2CXX Datasheet
840Kb / 12P
   Quadwire짰 40 Gb/s Parallel Breakout Active Optical Cable
FCBGD10CD1C03 FINISAR-FCBGD10CD1C03 Datasheet
382Kb / 13P
   C.wire 120 Gb/s Parallel Active Optical Cable
FCBN425QE1C01 FINISAR-FCBN425QE1C01 Datasheet
475Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QE1CXX FINISAR-FCBN425QE1CXX Datasheet
473Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QB1CXX FINISAR-FCBN425QB1CXX Datasheet
474Kb / 7P
   100G Quadwire짰 EDR QSFP28 Active Optical Cable
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-7QER01Z AVAGO-AFBR-7QER01Z Datasheet
658Kb / 15P
   40 Gigabit Ethernet & InfiniBand QDR Parallel Active Optical Cable
logo
FCI connector
ICD120GVP2420-05 FCI-CONNECTOR-ICD120GVP2420-05 Datasheet
119Kb / 2P
   12 Channel Parallel Active Optical Cable
logo
Finisar Corporation.
FCBX414QB1CXX FINISAR-FCBX414QB1CXX Datasheet
784Kb / 2P
   56G FDR parallel active optical cable
logo
TriQuint Semiconductor
TGA4943-SL TRIQUINT-TGA4943-SL_15 Datasheet
1Mb / 15P
   40 & 100 Gb/s 8Vpp Optical Modulator Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com