Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCP131T-195I/LB Datasheet(PDF) 5 Page - Microchip Technology

No. de pieza MCP131T-195I/LB
Descripción Electrónicos  Micropower Voltage Supervisors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP131T-195I/LB Datasheet(HTML) 5 Page - Microchip Technology

  MCP131T-195I/LB Datasheet HTML 1Page - Microchip Technology MCP131T-195I/LB Datasheet HTML 2Page - Microchip Technology MCP131T-195I/LB Datasheet HTML 3Page - Microchip Technology MCP131T-195I/LB Datasheet HTML 4Page - Microchip Technology MCP131T-195I/LB Datasheet HTML 5Page - Microchip Technology MCP131T-195I/LB Datasheet HTML 6Page - Microchip Technology MCP131T-195I/LB Datasheet HTML 7Page - Microchip Technology MCP131T-195I/LB Datasheet HTML 8Page - Microchip Technology MCP131T-195I/LB Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
 2004-2014 Microchip Technology Inc.
DS20001906D-page 5
MCP102/103/121/131
FIGURE 1-1:
Timing Diagram.
AC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, all limits are specified for: VDD = 1V to 5.5V, RPU =100 k
(MCP121 only), TA = -40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
VDD Detect to RST Inactive
tRPU
80
120
180
ms
Figure 1-1 and CL =50 pF
VDD Detect to RST Active
tRPD
—130
µs
VDD ramped from
VTRIP(MAX) +250 mV down to
VTRIP(MIN) – 250 mV, per
Figure 1-1,
CL =50 pF (Note 1)
RST Rise Time After RST Active
(MCP102 and MCP103 only)
tRT
—5
µs
For RST 10% to 90% of final
value per Figure 1-1,
CL =50 pF
(Note 1)
Note 1:
These parameters are for design guidance only and are not 100% tested.
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, all limits are specified for: VDD = 1V to 5.5V, RPU =100 k
(MCP121 only), TA = -40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
+85
ºC
MCP1XX-195
Specified Temperature Range
TA
-40
+125
ºC
Except MCP1XX-195
Maximum Junction Temperature
TJ
——
+150
ºC
Storage Temperature Range
TA
-65
+150
ºC
Package Thermal Resistances
Thermal Resistance, 3L-SOT-23
JA
—308
ºC/W
Thermal Resistance, 3L-SC70
JA
335
ºC/W
Thermal Resistance, 3L-TO-92
JA
—146
ºC/W
1V
1V
VTRIP
VDD
RST
tRPU
VOH
tRT
tRPD
VOL


Número de pieza similar - MCP131T-195I/LB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
MCP131T-195I/LB MICROCHIP-MCP131T-195I/LB Datasheet
420Kb / 28P
   Micropower Voltage Supervisors
2005
More results

Descripción similar - MCP131T-195I/LB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
MCP102 MICROCHIP-MCP102 Datasheet
420Kb / 28P
   Micropower Voltage Supervisors
2005
MCP121 MICROCHIP-MCP121 Datasheet
464Kb / 24P
   Micropower Voltage Supervisors
2004
MCP102 MICROCHIP-MCP102_13 Datasheet
429Kb / 28P
   Micropower Voltage Supervisors
2004-2013
MCP103T-195I MICROCHIP-MCP103T-195I Datasheet
429Kb / 28P
   Micropower Voltage Supervisors
11/29/12
logo
Texas Instruments
TLC7725IDR TI-TLC7725IDR Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701MDREP TI1-TLC7701MDREP Datasheet
621Kb / 18P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701-Q1 TI1-TLC7701-Q1 Datasheet
217Kb / 14P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_17 Datasheet
1Mb / 37P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701IPWG4 TI-TLC7701IPWG4 Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7705MJGB TI1-TLC7705MJGB Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com