Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCP131T-300I/LB Datasheet(PDF) 10 Page - Microchip Technology

No. de pieza MCP131T-300I/LB
Descripción Electrónicos  Micropower Voltage Supervisors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP131T-300I/LB Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP131T-300I/LB Datasheet HTML 6Page - Microchip Technology MCP131T-300I/LB Datasheet HTML 7Page - Microchip Technology MCP131T-300I/LB Datasheet HTML 8Page - Microchip Technology MCP131T-300I/LB Datasheet HTML 9Page - Microchip Technology MCP131T-300I/LB Datasheet HTML 10Page - Microchip Technology MCP131T-300I/LB Datasheet HTML 11Page - Microchip Technology MCP131T-300I/LB Datasheet HTML 12Page - Microchip Technology MCP131T-300I/LB Datasheet HTML 13Page - Microchip Technology MCP131T-300I/LB Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
MCP102/103/121/131
DS20001906D-page 10
 2004-2014 Microchip Technology Inc.
Note: Unless otherwise indicated, all limits are specified for: VDD = 1V to 5.5V, RPU =100 k (MCP121 only;
see Figure 4-1), TA = -40°C to +125°C.
FIGURE 2-25:
tRPD vs. Temperature
(MCP121-450).
FIGURE 2-26:
tRPU vs. Temperature
(MCP102-195).
FIGURE 2-27:
tRPU vs. Temperature
(MCP131-315).
FIGURE 2-28:
tRPU vs. Temperature
(MCP121-450).
FIGURE 2-29:
tRT vs. Temperature
(MCP102-195).
FIGURE 2-30:
tRT vs. Temperature
(MCP131-315).
0
50
100
150
200
250
-40
-15
10
35
60
85
110
Temperature (°C)
V
DD decreasing from:
V
TRIP(max) + 0.25V to VTRIP(min) – 0.25V
V
DD decreasing from:
5V – 3.0V
V
DD decreasing from:
5V – 0V
MCP121-450
100
110
120
130
140
150
160
-40
-15
10
35
60
85
110
Temperature (°C)
V
DD increasing from:
0V – 2.1V
V
DD increasing
from: 0V – 5.5V
V
DD increasing from:
0V – 2.8V
V
DD increasing
from: 0V – 4.0V
MCP102-195
100
110
120
130
140
150
160
-40
-15
10
35
60
85
110
Temperature (°C)
V
DD increasing from:
0V – 4.5V
V
DD increasing from:
0V – 5.5V
V
DD increasing from:
0V – 3.3V
V
DD increasing from:
0V – 4.0V
MCP131-315
110
115
120
125
130
135
140
145
-40
-15
10
35
60
85
110
Temperature (°C)
V
DD increasing from:
0V – 4.8V
V
DD increasing from:
0V – 5.0V
V
DD increasing from:
0V – 5.5V
MCP121-450
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
-40
-15
10
35
60
85
110
Temperature (°C)
V
DD increasing from:
0V – 2.1V
V
DD increasing from:
0V – 5.5V
V
DD increasing from:
0V – 2.8V
MCP102-195
V
DD increasing from:
0V – 4.0V
V
DD increasing from:
0V – 5.0V
25
27
29
31
33
35
37
39
41
43
45
-40
-15
10
35
60
85
110
Temperature (°C)
V
DD increasing from:
0V – 5.0V
V
DD increasing from:
0V – 4.0V
V
DD increasing from:
0V – 5.5V
V
DD increasing from:
0V – 3.3V
V
DD increasing from:
0V – 4.5V
MCP131-315


Número de pieza similar - MCP131T-300I/LB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
MCP131T-300I/LB MICROCHIP-MCP131T-300I/LB Datasheet
420Kb / 28P
   Micropower Voltage Supervisors
2005
More results

Descripción similar - MCP131T-300I/LB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
MCP102 MICROCHIP-MCP102 Datasheet
420Kb / 28P
   Micropower Voltage Supervisors
2005
MCP121 MICROCHIP-MCP121 Datasheet
464Kb / 24P
   Micropower Voltage Supervisors
2004
MCP102 MICROCHIP-MCP102_13 Datasheet
429Kb / 28P
   Micropower Voltage Supervisors
2004-2013
MCP103T-195I MICROCHIP-MCP103T-195I Datasheet
429Kb / 28P
   Micropower Voltage Supervisors
11/29/12
logo
Texas Instruments
TLC7725IDR TI-TLC7725IDR Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701MDREP TI1-TLC7701MDREP Datasheet
621Kb / 18P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701-Q1 TI1-TLC7701-Q1 Datasheet
217Kb / 14P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_17 Datasheet
1Mb / 37P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701IPWG4 TI-TLC7701IPWG4 Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7705MJGB TI1-TLC7705MJGB Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com