Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2W08G Datasheet(PDF) 3 Page - Formosa MS

No. de pieza 2W08G
Descripción Electrónicos  Bridge Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FORMOSA [Formosa MS]
Página de inicio  http://www.formosams.com
Logo FORMOSA - Formosa MS

2W08G Datasheet(HTML) 3 Page - Formosa MS

  2W08G Datasheet HTML 1Page - Formosa MS 2W08G Datasheet HTML 2Page - Formosa MS 2W08G Datasheet HTML 3Page - Formosa MS 2W08G Datasheet HTML 4Page - Formosa MS 2W08G Datasheet HTML 5Page - Formosa MS 2W08G Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
Rating and characteristic curves (2W005G THRU 2W10G)
Fig. 3 - Typical Instantaneour Forward
Characteristics (Per Leg)
Instantaneous Forward Voltage (Volts)
Fig.1 - Forward Current Derating Curve
0
25
50
75
100
125 150
175
200
Ambient Temperature, T ( °C)
A
2.4
2.0
1.6
1.2
0.8
0.4
Fig. 2 - Maximum Non-Repetitive Peak
Forward Surge Current
Number of Cycles at 60 Hz
Percent of Rated Peak Reverse Voltage ( %)
Fig. 4 - Typical Reverse Characteristics
Per Leg
Reverse Voltage, V (Volts)
R
Fig. 5 - Typical Junction Capacitance
(Per Leg)
0
10
20
30
40
50
1
2
5
10
20
50
100
60
SINGLE SINE-WAVE
JEDEC METHOD
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1.0
10.0
TJ=25
TYPICAL
DISTRIBUTION
0.01
0.1
1.0
10
0
40
60
100
140
20
TJ=25
TJ=100
1.0
2.0
4.0
6.0
10
20
40
60
100
0.1
1.0
2.0
4.0
10
20
40
100
0.2
0.4
TJ 25
=℃,
f=1MHZ
Vsig=50m p-p
120
80
DS-242135
2009/08/10
2016/05/17
E
6


Número de pieza similar - 2W08G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zowie Technology Corpor...
2W08G ZOWIE-2W08G Datasheet
47Kb / 2P
   SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
logo
Vishay Siliconix
2W08G VISHAY-2W08G Datasheet
98Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 15-Apr-08
logo
Jinan Gude Electronic D...
2W08G JGD-2W08G Datasheet
126Kb / 2P
   SINGLE PHASE 2.0 AMP. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
MIC GROUP RECTIFIERS
2W08G MIC-2W08G Datasheet
62Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Fairchild Semiconductor
2W08G FAIRCHILD-2W08G Datasheet
30Kb / 3P
   2.0 Ampere Glass Passivated Bridge Rectifiers
More results

Descripción similar - 2W08G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
   Phase Rectifier Bridge Rectifier Bridge
logo
Semikron International
SK35D12F SEMIKRON-SK35D12F Datasheet
377Kb / 3P
   Bridge Rectifier
SKDT145 SEMIKRON-SKDT145_06 Datasheet
464Kb / 3P
   Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
   Bridge Rectifier
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
   Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
   Bridge Rectifier
logo
Formosa MS
DBL101S FORMOSA-DBL101S Datasheet
158Kb / 2P
   Bridge Rectifier
KBPC10005 FORMOSA-KBPC10005 Datasheet
220Kb / 2P
   Bridge Rectifier
DB151 FORMOSA-DB151 Datasheet
1Mb / 6P
   Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
   RECTIFIER BRIDGE
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
   Bridge Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com