Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPA0102PWPRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPA0102PWPRG4
Descripción  1.5-W STEREO AUDIO POWER AMPLIFIER
Descarga  45 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPA0102PWPRG4 Datasheet(HTML) 5 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
TPA0102
1.5-W STEREO AUDIO POWER AMPLIFIER
SLOS166E – MARCH 1997 – REVISED MARCH 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ac operating characteristics, VDD = 5 V, TA = 25°C, RL = 4 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD = 0.2%,
BTL
1.25
W
PO
Output power (each channel) see Note 2
THD = 1%,
BTL
1.5
W
PO
Output power (each channel) see Note 2
THD = 0.2%,
SE
500
mW
THD = 1%,
SE
600
mW
THD+N
Total harmonic distortion plus noise
Po = 1 W,
f = 20 to 20 kHz
200
m%
BOM
Maximum output power bandwidth
G = 10,
THD < 5 %
>20
kHz
BTL
72
°
Phase margin
Open Load
71
°
SE
52
°
Power supply ripple rejection
f = 1 kHz
75
dB
Power supply ripple rejection
f = 20 – 20 kHz,
60
dB
Mute attenuation
85
dB
Channel-to-channel output separation
f = 1 kHz
65
dB
Line/HP input separation
100
dB
BTL attenuation in SE mode
100
dB
ZI
Input impedance
2
M
Signal-to-noise ratio
Po = 500 mW,
BTL
95
dB
Vn
Output noise voltage
25
µV(rms)
NOTE 2: Output power is measured at the output terminals of the IC at 1 kHz.
ac operating characteristics, VDD = 3.3 V, TA = 25°C, RL = 4 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD = 0.2%
BTL
600
PO
Output power (each channel) see Note 2
THD = 1%
BTL
750
mW
PO
Output power (each channel) see Note 2
THD = 0.2%,
SE
200
mW
THD = 1%,
SE
250
THD+N
Total harmonic distortion plus noise
Po = 600 mW,
f = 20 to 20 kHz
250
m%
BOM
Maximum output power bandwidth
G = 10,
THD < 5 %
>20
kHz
BTL
92
°
Phase margin
Open Load
70
°
SE
57
°
Power supply ripple rejection
f = 1 kHz
70
dB
Power supply ripple rejection
f = 20 – 20 kHz
55
dB
Mute attenuation
85
dB
Channel-to-channel output separation
f = 1 kHz
65
dB
Line/HP input separation
100
dB
BTL attenuation in SE mode
100
dB
ZI
Input impedance
2
M
Signal-to-noise ratio
Po = 500 mW,
BTL
95
dB
Vn
Output noise voltage
25
µV(rms)
NOTE 2
Output power is measured at the output terminals of the IC at 1 kHz.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn