Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMH6609MAX Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LMH6609MAX
Descripción Electrónicos  900MHz Voltage Feedback Op Amp
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6609MAX Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMH6609MAX Datasheet HTML 6Page - National Semiconductor (TI) LMH6609MAX Datasheet HTML 7Page - National Semiconductor (TI) LMH6609MAX Datasheet HTML 8Page - National Semiconductor (TI) LMH6609MAX Datasheet HTML 9Page - National Semiconductor (TI) LMH6609MAX Datasheet HTML 10Page - National Semiconductor (TI) LMH6609MAX Datasheet HTML 11Page - National Semiconductor (TI) LMH6609MAX Datasheet HTML 12Page - National Semiconductor (TI) LMH6609MAX Datasheet HTML 13Page - National Semiconductor (TI) LMH6609MAX Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Application Section
GENERAL DESIGN EQUATION
The LMH6609 is a unity gain stable voltage feedback ampli-
fier. The matched input bias currents track well over tem-
perature. This allows the DC offset to be minimized by
matching the impedance seen by both inputs.
GAIN
The non-inverting and inverting gain equations for the
LMH6609 are as follows:
20079027
FIGURE 1. Typical Non-Inverting Application
20079028
FIGURE 2. Typical Inverting Application
20079029
FIGURE 3. Single Supply Inverting
www.national.com
10


Número de pieza similar - LMH6609MAX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMH6609MAX/NOPB TI1-LMH6609MAX/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LMH6609 900MHz Voltage Feedback Op Amp
More results

Descripción similar - LMH6609MAX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMH6609 TI1-LMH6609 Datasheet
1Mb / 26P
[Old version datasheet]   LMH6609 900MHz Voltage Feedback Op Amp
logo
National Semiconductor ...
CLC420 NSC-CLC420 Datasheet
286Kb / 10P
   High-Speed, Voltage Feedback Op Amp
logo
ON Semiconductor
NCS2551 ONSEMI-NCS2551 Datasheet
197Kb / 12P
   500 MHz Voltage Feedback Op Amp
September, 2006 ??Rev. 2
NCS2550 ONSEMI-NCS2550 Datasheet
289Kb / 12P
   750 MHz Voltage Feedback Op Amp
May, 2006 ??Rev. 2
logo
National Semiconductor ...
CLC426 NSC-CLC426 Datasheet
1,005Kb / 8P
   Wideband, Low-Noise, Voltage Feedback Op Amp
CLC5802 NSC-CLC5802 Datasheet
420Kb / 12P
   Dual Low-Noise, Voltage Feedback Op Amp
CLC428 NSC-CLC428 Datasheet
898Kb / 8P
   Dual Wideband, Low-Noise, Voltage Feedback Op Amp
CLC436 NSC-CLC436 Datasheet
119Kb / 6P
   200MHz, 짹15V, Low-Power Voltage Feedback Op Amp
CLC440 NSC-CLC440 Datasheet
316Kb / 8P
   High-Speed, Low-Power, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628QML TI1-LMH6628QML_13 Datasheet
545Kb / 20P
[Old version datasheet]   Dual Wideband, Low Noise, Voltage Feedback Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com