Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA0242PWPR Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TPA0242PWPR
Descripción Electrónicos  STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0242PWPR Datasheet(HTML) 5 Page - Texas Instruments

  TPA0242PWPR Datasheet HTML 1Page - Texas Instruments TPA0242PWPR Datasheet HTML 2Page - Texas Instruments TPA0242PWPR Datasheet HTML 3Page - Texas Instruments TPA0242PWPR Datasheet HTML 4Page - Texas Instruments TPA0242PWPR Datasheet HTML 5Page - Texas Instruments TPA0242PWPR Datasheet HTML 6Page - Texas Instruments TPA0242PWPR Datasheet HTML 7Page - Texas Instruments TPA0242PWPR Datasheet HTML 8Page - Texas Instruments TPA0242PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0.01%
−40
−30
−20
−10
0
A
- Voltage Gain - dB
1%
0.1%
10
20
V
PO = 1 W for AV ≥ 6 dB
VO= 1 VRMS for AV ≤ 4 dB
RL = 8 Ω
BTL
0.1%
0.01%
0.5 0.75
1
1.25 1.5 1.75
2
1%
10%
2.25 2.5 2.75
3
PO − Output Power − W
AV = +20 to 4 dB
f = 1 kHz
BTL
RL = 8 Ω
RL = 3 Ω
RL = 4 Ω
TPA0242
SLOS287C – NOVEMBER 1999 – REVISED SEPTEMBER 2004
Table of Graphs
FIGURE
vs Output power
1, 4, 6, 8, 10
vs Voltage gain
2
THD+N
Total harmonic distortion plus noise
vs Frequency
3, 5, 7, 9, 11
vs Output voltage
12
Vn
Output noise voltage
vs Bandwidth
13
Supply ripple rejection ratio
vs Frequency
14, 15
Crosstalk
vs Frequency
16, 17, 18
Shutdown attenuation
vs Frequency
19
SNR
Signal-to-noise ratio
vs Bandwidth
20
Closed loop response
21, 22
PO
Output power
vs Load resistance
23, 24
vs Output power
25, 26
PD
Power dissipation
vs Ambient temperature
27
ZI
Input impedance
vs Gain
28
TOTAL HARMONIC DISTORTION PLUS NOISE
TOTAL HARMONIC DISTORTION PLUS NOISE
VS
VS
OUTPUT POWER
VOLTAGE GAIN
Figure 1.
Figure 2.
5


Número de pieza similar - TPA0242PWPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA0242PWP TI-TPA0242PWP Datasheet
444Kb / 29P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
More results

Descripción similar - TPA0242PWPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0232 TI-TPA0232 Datasheet
449Kb / 30P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242 TI-TPA0242 Datasheet
444Kb / 29P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0162 TI1-TPA0162_16 Datasheet
972Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252 Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252_07 Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI1-TPA0252_16 Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com