Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA2036D1YZFT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA2036D1YZFT
Descripción Electrónicos  2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2036D1YZFT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA2036D1YZFT Datasheet HTML 9Page - Texas Instruments TPA2036D1YZFT Datasheet HTML 10Page - Texas Instruments TPA2036D1YZFT Datasheet HTML 11Page - Texas Instruments TPA2036D1YZFT Datasheet HTML 12Page - Texas Instruments TPA2036D1YZFT Datasheet HTML 13Page - Texas Instruments TPA2036D1YZFT Datasheet HTML 14Page - Texas Instruments TPA2036D1YZFT Datasheet HTML 15Page - Texas Instruments TPA2036D1YZFT Datasheet HTML 16Page - Texas Instruments TPA2036D1YZFT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Gain 1 +
V
O
V
I1
+
2 x 150 kW
R
I1
V
V
(6)
Gain 2 +
V
O
V
I2
+
2 x 150 kW
R
I2
V
V
(7)
C
I2 +
1
2p R
I2
f
c2
(8)
C
I2 u
1
2p 150kW 20Hz
(9)
C
I2 u
53 nF
(10)
_
+
IN-
IN+
PWM
H-
Bridge
VO+
VO-
Internal
Oscillator
CS
To Battery
VDD
GND
Bias
Circuitry
RI2
RI2
Differential
Input 1
Filter-Free Class D
SHUTDOWN
RI1
RI1
Single-Ended
Input 2
CI2
CI2
TPA2036D1
www.ti.com.............................................................................................................................................................................................. SLOS589 – OCTOBER 2008
If summing a ring tone and a phone signal, the phone signal should use a differential input signal while the ring
tone might be limited to a single-ended signal. Phone gain is set at gain 1 = 0.1 V/V, and the ring-tone gain is set
to gain 2 = 2 V/V, the resistor values would be…
RI1 = 3 MΩ, and = RI2 = 150 kΩ.
The high pass corner frequency of the single-ended input is set by CI2. If the desired corner frequency is less
than 20 Hz...
Figure 31. Application Schematic With TPA2036D1 Summing Differential Input and Single-Ended Input
Signals
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPA2036D1


Número de pieza similar - TPA2036D1YZFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2036D1YZF TI-TPA2036D1YZF Datasheet
774Kb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
TPA2036D1YZF TI1-TPA2036D1YZF Datasheet
756Kb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
More results

Descripción similar - TPA2036D1YZFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2036D1 TI1-TPA2036D1_11 Datasheet
756Kb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
TPA2036D1 TI-TPA2036D1 Datasheet
774Kb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
logo
Eutech Microelectronics...
EUA2036 EUTECH-EUA2036 Datasheet
155Kb / 1P
   Low EMI, 2.8-W Mono Filterless Class-D Audio Power Amplifier with Auto-Recovery
logo
Texas Instruments
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2012A EUTECH-EUA2012A Datasheet
159Kb / 1P
   2.5-W/CH Stereo Filter-less Class-D Audio Power Amplifier with Auto-Recovery
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
SA58672 PHILIPS-SA58672_15 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com