Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA3244 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza TPA3244
Descripción Electrónicos  40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3244 Datasheet(HTML) 2 Page - Texas Instruments

  TPA3244_16 Datasheet HTML 1Page - Texas Instruments TPA3244_16 Datasheet HTML 2Page - Texas Instruments TPA3244_16 Datasheet HTML 3Page - Texas Instruments TPA3244_16 Datasheet HTML 4Page - Texas Instruments TPA3244_16 Datasheet HTML 5Page - Texas Instruments TPA3244_16 Datasheet HTML 6Page - Texas Instruments TPA3244_16 Datasheet HTML 7Page - Texas Instruments TPA3244_16 Datasheet HTML 8Page - Texas Instruments TPA3244_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2
TPA3244
SLASEC6 – APRIL 2016
www.ti.com
Product Folder Links: TPA3244
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Detailed Description .............................................. 4
7.1
Overview ................................................................... 4
7.2
Functional Block Diagrams ....................................... 6
7.3
Feature Description................................................... 8
7.4
Device Functional Modes.......................................... 8
8
Application and Implementation ........................ 12
8.1
Application Information............................................ 12
8.2
Typical Applications ................................................ 12
9
Power Supply Recommendations ...................... 19
9.1
Power Supplies ....................................................... 19
9.2
Powering Up............................................................ 19
9.3
Powering Down ....................................................... 20
9.4
Thermal Design....................................................... 21
10
Layout................................................................... 23
10.1
Layout Guidelines ................................................. 23
10.2
Layout Examples................................................... 24
11
Device and Documentation Support ................. 27
11.1
Documentation Support ........................................ 27
11.2
Community Resources.......................................... 27
11.3
Trademarks ........................................................... 27
11.4
Electrostatic Discharge Caution ............................ 27
11.5
Glossary ................................................................ 27
12
Mechanical, Packaging, and Orderable
Information ........................................................... 28
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
April 2016
*
Initial release.


Número de pieza similar - TPA3244_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3244D2DDW TI1-TPA3244D2DDW Datasheet
548Kb / 32P
[Old version datasheet]   100W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3244D2DDWR TI1-TPA3244D2DDWR Datasheet
548Kb / 32P
[Old version datasheet]   100W peak PurePath Ultra-HD Pad Down Class-D Amplifier
More results

Descripción similar - TPA3244_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3250D2 TI1-TPA3250D2 Datasheet
775Kb / 41P
[Old version datasheet]   70-W Stereo, 130-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
[Old version datasheet]   60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TPA3250 TI1-TPA3250 Datasheet
776Kb / 41P
[Old version datasheet]   130W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3244 TI1-TPA3244 Datasheet
548Kb / 32P
[Old version datasheet]   100W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
[Old version datasheet]   175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TAS5622A TI1-TAS5622A Datasheet
965Kb / 31P
[Old version datasheet]   125-W Stereo / 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TAS5622A TI1-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com