Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPD1E10B06QDPYRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPD1E10B06QDPYRQ1
Descripción Electrónicos  1-Channel ESD in 0402 Package with 12-pF Capacitance and 6-V Breakdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E10B06QDPYRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPD1E10B06QDPYRQ1 Datasheet HTML 6Page - Texas Instruments TPD1E10B06QDPYRQ1 Datasheet HTML 7Page - Texas Instruments TPD1E10B06QDPYRQ1 Datasheet HTML 8Page - Texas Instruments TPD1E10B06QDPYRQ1 Datasheet HTML 9Page - Texas Instruments TPD1E10B06QDPYRQ1 Datasheet HTML 10Page - Texas Instruments TPD1E10B06QDPYRQ1 Datasheet HTML 11Page - Texas Instruments TPD1E10B06QDPYRQ1 Datasheet HTML 12Page - Texas Instruments TPD1E10B06QDPYRQ1 Datasheet HTML 13Page - Texas Instruments TPD1E10B06QDPYRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
GND
Speaker
Connector
(Source of ESD)
1
1
2
2
L Audio IN
Audio Amplifier
Class AB
(ESD Sensitive)
R Audio IN
L
R
Audio Amplifier
Class AB
(ESD Sensitive)
GND
GND
L Audio
R Audio
Copyright © 2016, Texas Instruments Incorporated
10
TPD1E10B06-Q1
SLVSDN7A – AUGUST 2016 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TPD1E10B06-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
When a system contains a human interface connector, the system becomes vulnerable to large system-level
ESD strikes that standard ICs cannot survive. TVS ESD protection diodes are typically used to suppress ESD at
these connectors. The TPD1E10B06-Q1 is a single-channel ESD protection device containing back-to-back TVS
diodes, which is typically used to provide a path to ground for dissipating ESD events on bidirectional signal lines
between a human interface connector and a system. As the current from ESD passes through the device, only a
small voltage drop is present across the diode structure. This is the voltage presented to the protected IC. The
low RDYN of the triggered TVS holds this voltage, VCLAMP, to a tolerable level to the protected IC.
8.2 Typical Application
Figure 10. Typical Application Schematic
8.2.1 Design Requirements
For this design example, the two TPD1E10B06-Q1s are used to protect left and right audio channels. For this
audio application, the system parameters shown in Table 1 are known.
Table 1. Design Parameters
DESIGN PARAMETER
VALUE
Audio amplifier class
AB
Audio signal voltage range
–3 V to 3 V
Audio frequency content
20 Hz to 20 kHz
Required IEC 61000-4-2 ESD protection
±20-kV contact, ±25-kV air-gap
8.2.2 Detailed Design Procedure
To begin the design process, some parameters must be decided upon; the designer must make sure:
Voltage range on the protected line must not exceed the reverse standoff voltage of the TVS diode(s) (VRWM)
Operating frequency is supported by the I/O capacitance CIO of the TVS diode


Número de pieza similar - TPD1E10B06QDPYRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD1E10B06QDPYRQ1 TI-TPD1E10B06QDPYRQ1 Datasheet
1Mb / 25P
[Old version datasheet]   TPD1E10B06-Q1 Automotive 12-pF, 짹5.5-V 짹30-kV, Single Channel ESD Protection Diode in 0402 and SOD-523 Package
FEBRUARY 2022
logo
Shanghai Leiditech Elec...
TPD1E10B06QDPYRQ1 LEIDITECH-TPD1E10B06QDPYRQ1 Datasheet
1Mb / 4P
   1-Line Bi-directional TVS Diode
Rev : 01.06.2018
More results

Descripción similar - TPD1E10B06QDPYRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD1E10B09-Q1 TI1-TPD1E10B09-Q1 Datasheet
118Kb / 7P
[Old version datasheet]   1-Channel ESD in 0402 Package with 10-pF Capacitance and 9-V Breakdown
ESD321 TI1-ESD321 Datasheet
331Kb / 16P
[Old version datasheet]   1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 Package
ESD321 TI-ESD321_V01 Datasheet
1Mb / 25P
[Old version datasheet]   ESD321 1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1 pF) in 0402 and SOD-523 Packages
REVISED DECEMBER 2022
TPD1E10B06-Q1 TI-TPD1E10B06-Q1_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TPD1E10B06-Q1 Automotive 12-pF, 짹5.5-V 짹30-kV, Single Channel ESD Protection Diode in 0402 and SOD-523 Package
FEBRUARY 2022
TPD1E10B06 TI1-TPD1E10B06_14 Datasheet
1Mb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06 Datasheet
873Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06_15 Datasheet
1Mb / 18P
[Old version datasheet]   Single-Channel ESD Protection Diode in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_14 Datasheet
901Kb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_15 Datasheet
788Kb / 18P
[Old version datasheet]   Single-Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09 Datasheet
681Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com