Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPD1S514-3YZR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPD1S514-3YZR
Descripción Electrónicos  Family USB Charger Over Voltage, Surge and ESD Protection for V(BUS) PIN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1S514-3YZR Datasheet(HTML) 2 Page - Texas Instruments

  TPD1S514-3YZR Datasheet HTML 1Page - Texas Instruments TPD1S514-3YZR Datasheet HTML 2Page - Texas Instruments TPD1S514-3YZR Datasheet HTML 3Page - Texas Instruments TPD1S514-3YZR Datasheet HTML 4Page - Texas Instruments TPD1S514-3YZR Datasheet HTML 5Page - Texas Instruments TPD1S514-3YZR Datasheet HTML 6Page - Texas Instruments TPD1S514-3YZR Datasheet HTML 7Page - Texas Instruments TPD1S514-3YZR Datasheet HTML 8Page - Texas Instruments TPD1S514-3YZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
TPD1S514x
SLVSCF6E – APRIL 2014 – REVISED OCTOBER 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Detailed Description ............................................ 11
8.1
Overview ................................................................. 11
2
Applications ........................................................... 1
8.2
Functional Block Diagram ....................................... 11
3
Description ............................................................. 1
8.3
Feature Description................................................. 11
4
Revision History..................................................... 2
8.4
Device Functional Modes........................................ 13
5
Device Comparison Table..................................... 3
9
Application and Implementation ........................ 14
6
Pin Configuration and Functions ......................... 3
9.1
Application Information............................................ 14
7
Specifications......................................................... 4
9.2
Typical Application ................................................. 14
7.1
Absolute Maximum Ratings ...................................... 4
10
Power Supply Recommendations ..................... 18
7.2
ESD Ratings.............................................................. 4
11
Layout................................................................... 19
7.3
Recommended Operating Conditions ....................... 5
11.1
Layout Guidelines ................................................. 19
7.4
Thermal Information .................................................. 5
11.2
Layout Example .................................................... 19
7.5
Supply Current Consumption .................................... 5
12
Device and Documentation Support ................. 20
7.6
Electrical Characteristics EN Pin .............................. 6
12.1
Community Resources.......................................... 20
7.7
Thermal Shutdown Feature ...................................... 6
12.2
Trademarks ........................................................... 20
7.8
Electrical Characteristics nFET Switch ..................... 6
12.3
Electrostatic Discharge Caution ............................ 20
7.9
Electrical Characteristics OVP Circuit....................... 7
12.4
Glossary ................................................................ 20
7.10
Electrical Characteristics VBUS_POWER Circuit......... 7
13
Mechanical, Packaging, and Orderable
7.11
Timing Requirements .............................................. 8
Information ........................................................... 20
7.12
TPD1S514-1 Typical Characteristics ...................... 9
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (July 2015) to Revision E
Page
Removed Preview status of TPD1S514-3. ............................................................................................................................. 1
Changed Max value of IVBUS_SLEEP PARAMETER for TPD1S514-3 (Preview) from 308 µA to 335 µA. ............................... 5
Updated TEST CONDITIONS for TOFF_DELAY PARAMETER. ................................................................................................ 8
Changes from Revision C (July 2015) to Revision D
Page
Added TPD1S514 and TPD1S514-3 (Preview) .................................................................................................................... 1
Changes from Revision B (September 2014) to Revision C
Page
Removed Previewed TPD1S514-3 and Programmability Features. ..................................................................................... 1
Changes from Revision A (July 2014) to Revision B
Page
Changed Body size to fix rounding error. .............................................................................................................................. 1
Changes from Original (April 2014) to Revision A
Page
Removed Preview status of TPD1S514-2. ............................................................................................................................ 1
Updated Device Comparison table. ....................................................................................................................................... 3
Updated Electrical Characteristics OVP Circuit table. ............................................................................................................ 7
2
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPD1S514x


Número de pieza similar - TPD1S514-3YZR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD1S414 TI1-TPD1S414 Datasheet
1Mb / 18P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR VBUS_CON PIN
TPD1S414 TI1-TPD1S414 Datasheet
1Mb / 19P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR V
TPD1S414YZR TI1-TPD1S414YZR Datasheet
1Mb / 18P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR VBUS_CON PIN
TPD1S414 TI1-TPD1S414_14 Datasheet
1Mb / 19P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR V
More results

Descripción similar - TPD1S514-3YZR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Mitus, Inc.
SM5328B SILICONMITUS-SM5328B Datasheet
198Kb / 2P
   Over-Voltage Protection IC with ±100V Surge & ESD Protection
July 2021 - Rev. 1.0.1
logo
Harris Corporation
SP720 HARRIS-SP720 Datasheet
206Kb / 6P
   Electronic Protection Array for ESD and Over-Voltage Protection
SP721 HARRIS-SP721 Datasheet
176Kb / 6P
   ELECTRONIC PROTECTION ARRAY FOR ESD AND OVER-VOLTAGE PROTECTION
logo
Fairchild Semiconductor
FAN3988 FAIRCHILD-FAN3988 Datasheet
780Kb / 9P
   USB/Charger and Over-Voltage Detection Device
logo
ON Semiconductor
FAN3988 ONSEMI-FAN3988 Datasheet
644Kb / 8P
   USB/Charger and Over-Voltage Detection Device
September-2017,Rev.2
logo
Vishay Siliconix
VBUS053AZ-HAF VISHAY-VBUS053AZ-HAF Datasheet
84Kb / 6P
   USB-OTG BUS-Port ESD-Protection for VBUS = 12 V
Rev. 1.4, 16-Dec-10
VBUS053CZ-HAF VISHAY-VBUS053CZ-HAF Datasheet
163Kb / 6P
   USB-OTG BUS-Port ESD-Protection for VBUS = 28 V
Rev. 1.3, 23-May-11
VBUS053AZ-HAF VISHAY-VBUS053AZ-HAF_V01 Datasheet
120Kb / 7P
   USB-OTG BUS-Port ESD Protection for VBUS = 12 V
01-Jan-2022
VBUS053CZ-HAF VISHAY-VBUS053CZ-HAF_V01 Datasheet
176Kb / 7P
   USB-OTG BUS-Port ESD Protection for VBUS = 28 V
01-Jan-2022
VBUS053A-HAF VISHAY-VBUS053A-HAF Datasheet
119Kb / 7P
   USB-OTG BUS-Port ESD Protection for VBUS = 12 V
Rev. 1.7, 07-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com