Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPD1S514-3YZR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPD1S514-3YZR
Descripción Electrónicos  Family USB Charger Over Voltage, Surge and ESD Protection for V(BUS) PIN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1S514-3YZR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPD1S514-3YZR Datasheet HTML 7Page - Texas Instruments TPD1S514-3YZR Datasheet HTML 8Page - Texas Instruments TPD1S514-3YZR Datasheet HTML 9Page - Texas Instruments TPD1S514-3YZR Datasheet HTML 10Page - Texas Instruments TPD1S514-3YZR Datasheet HTML 11Page - Texas Instruments TPD1S514-3YZR Datasheet HTML 12Page - Texas Instruments TPD1S514-3YZR Datasheet HTML 13Page - Texas Instruments TPD1S514-3YZR Datasheet HTML 14Page - Texas Instruments TPD1S514-3YZR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LDO
POR
+
Oscillator
TSD
V
REF
V
IN
V
OUT
OVP
EN Buffer
EN
V
BUS_SYS
V
BUS_POWER
V
BUS_CON
GND
Surge
Clamp
BG
Reference
Q-Pump
Gate Drive
Digital
Core
-
TPD1S514x
www.ti.com
SLVSCF6E – APRIL 2014 – REVISED OCTOBER 2015
8 Detailed Description
8.1 Overview
The TPD1S514 Family provides single-chip ESD, surge, and over voltage protection solutions for portable USB
Charging and Host interfaces. Each device offers over voltage protection at the VBUS_CON pin up to 30-V DC. The
TPD1S514 Family offers an ESD and Precision Clamp for the VBUS_CON pin, thus eliminating the need for
external TVS clamp circuits in the application.
Each device has an internal oscillator and charge pump which controls turning ON the internal nFET switch. The
internal oscillator controls the timers which enable the charge pump. If VBUS_CON is less than VOVP, the internal
charge pump is enabled. After a 20 ms internal delay, the charge-pump starts-up, and turns ON the internal
nFET switch through a soft start. If at any time VBUS_CON rises above VOVP, the nFET switch is turned OFF within
100 ns.
The TPD1S514 Family of devices also have a VBUS_POWER pin which follows VBUS_CON up to 4.9 V at 3 mA
(except for TPD1S514, which follows VBUS_CON up to 6.48 V, after which it is regulated to that voltage) to power
the system from VBUS_CON. In the case where the system battery state cannot power the system, voltage from an
external charger can be provided to power the system. VBUS_POWER is supplied by an always on LDO regulator
supplied by VBUS_CON. VBUS_POWER output voltage remains regulated to 4.9 V (except for TPD1S514, which
follows VBUS_CON up to 6.48 V, after which it is regulated to that voltage) at up to 30-V DC on VBUS_CON and
during IEC 61000-4-5 surge events of up to 100 V open circuit voltage on VBUS_CON.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Over Voltage Protection on VBUS_CON up to 30 V DC
When the VBUS_CON voltage rises above VOVP, the internal nFET switch is turned OFF, removing power from the
system side. VBUS_CON can tolerate up to 30-V DC. The response to over voltage is very rapid, with the nFET
switch turning off in less than 100 ns. When the VBUS_CON voltage returns back to below VOVP – VHYS_OVP, the
nFET switch is turned ON again after an internal delay of tOVP_RECOV (tDELAY). This time delay ensures that the
VBUS_CON supply has stabilized before turning the switch back on. After tOVP_RECOV, the TPD1S514 Family device
turns on the nFET through a soft start. Once the OVP condition is cleared the nFET is turned completely ON.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPD1S514x


Número de pieza similar - TPD1S514-3YZR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD1S414 TI1-TPD1S414 Datasheet
1Mb / 18P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR VBUS_CON PIN
TPD1S414 TI1-TPD1S414 Datasheet
1Mb / 19P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR V
TPD1S414YZR TI1-TPD1S414YZR Datasheet
1Mb / 18P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR VBUS_CON PIN
TPD1S414 TI1-TPD1S414_14 Datasheet
1Mb / 19P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR V
More results

Descripción similar - TPD1S514-3YZR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Mitus, Inc.
SM5328B SILICONMITUS-SM5328B Datasheet
198Kb / 2P
   Over-Voltage Protection IC with ±100V Surge & ESD Protection
July 2021 - Rev. 1.0.1
logo
Harris Corporation
SP720 HARRIS-SP720 Datasheet
206Kb / 6P
   Electronic Protection Array for ESD and Over-Voltage Protection
SP721 HARRIS-SP721 Datasheet
176Kb / 6P
   ELECTRONIC PROTECTION ARRAY FOR ESD AND OVER-VOLTAGE PROTECTION
logo
Fairchild Semiconductor
FAN3988 FAIRCHILD-FAN3988 Datasheet
780Kb / 9P
   USB/Charger and Over-Voltage Detection Device
logo
ON Semiconductor
FAN3988 ONSEMI-FAN3988 Datasheet
644Kb / 8P
   USB/Charger and Over-Voltage Detection Device
September-2017,Rev.2
logo
Vishay Siliconix
VBUS053AZ-HAF VISHAY-VBUS053AZ-HAF Datasheet
84Kb / 6P
   USB-OTG BUS-Port ESD-Protection for VBUS = 12 V
Rev. 1.4, 16-Dec-10
VBUS053CZ-HAF VISHAY-VBUS053CZ-HAF Datasheet
163Kb / 6P
   USB-OTG BUS-Port ESD-Protection for VBUS = 28 V
Rev. 1.3, 23-May-11
VBUS053AZ-HAF VISHAY-VBUS053AZ-HAF_V01 Datasheet
120Kb / 7P
   USB-OTG BUS-Port ESD Protection for VBUS = 12 V
01-Jan-2022
VBUS053CZ-HAF VISHAY-VBUS053CZ-HAF_V01 Datasheet
176Kb / 7P
   USB-OTG BUS-Port ESD Protection for VBUS = 28 V
01-Jan-2022
VBUS053A-HAF VISHAY-VBUS053A-HAF Datasheet
119Kb / 7P
   USB-OTG BUS-Port ESD Protection for VBUS = 12 V
Rev. 1.7, 07-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com