Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPD4E05U06-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPD4E05U06-Q1
Descripción Electrónicos  1 and 4 Channel ESD Protection Diodes for SuperSpeed (Up to 6 Gbps) Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4E05U06-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPD4E05U06-Q1 Datasheet HTML 5Page - Texas Instruments TPD4E05U06-Q1 Datasheet HTML 6Page - Texas Instruments TPD4E05U06-Q1 Datasheet HTML 7Page - Texas Instruments TPD4E05U06-Q1 Datasheet HTML 8Page - Texas Instruments TPD4E05U06-Q1 Datasheet HTML 9Page - Texas Instruments TPD4E05U06-Q1 Datasheet HTML 10Page - Texas Instruments TPD4E05U06-Q1 Datasheet HTML 11Page - Texas Instruments TPD4E05U06-Q1 Datasheet HTML 12Page - Texas Instruments TPD4E05U06-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
TPD4E05U06-Q1, TPD1E05U06-Q1
www.ti.com
SLVSCO7B – AUGUST 2014 – REVISED AUGUST 2016
Product Folder Links: TPD4E05U06-Q1 TPD1E05U06-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.4 IEC 61000-4-5 Surge Protection
The I/O pins can withstand surge events up to 2.5 A and 40 W (8/20 µs waveform). An ESD-surge clamp diverts
this current to ground.
7.3.5 I/O Capacitance
The capacitance between each I/O pin to ground is 0.5 pF. These capacitances support data rates up to 5 Gbps.
7.3.6 DC Breakdown Voltage
The DC breakdown voltage of each I/O pin is a minimum of 6.4 V. This ensures that sensitive equipment is
protected from surges above the reverse standoff voltage of 5 V.
7.3.7 Ultra-Low Leakage Current
The I/O pins feature an ultra-low leakage current of 10 nA (Maximum) with a bias of 2.5 V.
7.3.8 Low ESD Clamping Voltage
The I/O pins feature an ESD clamp that is capable of clamping the voltage to 10 V (IPP = 1 A).
7.3.9 Easy Flow-Through Routing
The layout of this device makes it simple and easy to add protection to an existing layout. The packages offers
flow-through routing, requiring minimal modification to an existing layout.
7.4 Device Functional Modes
The TPDxE05U06-Q1 are passive integrated circuits that triggers when voltages are above VBR or below the
lower diodes Vf (–0.6 V). During ESD events, voltages as high as ±15 kV (air) can be directed to ground via the
internal diode network. When the voltages on the protected line fall below the trigger levels of TPDxE05U06-Q1
(usually within 10s of nano-seconds) the devices reverts to passive.


Número de pieza similar - TPD4E05U06-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD4E05U06-Q1 TI1-TPD4E05U06-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
TPD4E05U06-Q1 TI-TPD4E05U06-Q1 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD4E05U06-Q1 TI-TPD4E05U06-Q1 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
More results

Descripción similar - TPD4E05U06-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD1E05U06 TI1-TPD1E05U06_16 Datasheet
1Mb / 29P
[Old version datasheet]   1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
TPD1E05U06 TI-TPD1E05U06_V01 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD1E05U06 TI-TPD1E05U06_V02 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
TPD1E05U06 TI-TPD1E05U06 Datasheet
518Kb / 15P
[Old version datasheet]   1, 4, 6 CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (UP TO 6 GBPS) INTERFACE
TPD4E110 TI1-TPD4E110 Datasheet
8Mb / 19P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD4E110 TI1-TPD4E110_16 Datasheet
9Mb / 21P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
logo
Semtech Corporation
SLVE2.8 SEMTECH-SLVE2.8 Datasheet
194Kb / 7P
   EPD TVS??Diodes For ESD and Latch-Up Protection
logo
Texas Instruments
TPD2EUSB30 TI-TPD2EUSB30_2 Datasheet
1Mb / 15P
[Old version datasheet]   2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30_1012 TI1-TPD2EUSB30_1012 Datasheet
1Mb / 16P
[Old version datasheet]   2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
DECEMBER2010
TPD2E009 TI-TPD2E009_10 Datasheet
1Mb / 15P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com