Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2359 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2359
Descripción Electrónicos  Full-Featured, Dual-Slot AdvancedMC Controller
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2359 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2359 Datasheet HTML 3Page - Texas Instruments TPS2359 Datasheet HTML 4Page - Texas Instruments TPS2359 Datasheet HTML 5Page - Texas Instruments TPS2359 Datasheet HTML 6Page - Texas Instruments TPS2359 Datasheet HTML 7Page - Texas Instruments TPS2359 Datasheet HTML 8Page - Texas Instruments TPS2359 Datasheet HTML 9Page - Texas Instruments TPS2359 Datasheet HTML 10Page - Texas Instruments TPS2359 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
PREREG
VINT
2.2V
POR
en
por
I2C
&
Control
Logic
A0-2
SCL
SDA
GNDB
GNDA
AGND
IN12A
IN12B
IN3A
IN3B
OUT12A
OUT12B
OUT3A
OUT3B
+
+
+
0.1 W
30mv
vthoc-[675mvnominal]
Fault
Timer
vcp
3300
FLT \toI
2C
10mv
-3mv
PG\toI
2C
OUT3
IN3
OUT3
30uA
96 W
Q
Pump
vcp
~25v
VDD3
30us
2.8V
gat
EN3
gat
en
en
30us
12dis
Control
fromI 2C
SUM3
S
Q
Q
R
3ORON
TPS2359
www.ti.com
SLUS792H – FEBRUARY 2008 – REVISED MAY 2013
Management Power Channel (two channels per device)
Common Circuitry
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS2359


Número de pieza similar - TPS2359

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2359 TI-TPS2359 Datasheet
1Mb / 51P
[Old version datasheet]   TPS2359 Full Featured Dual-Slot AdvancedMC??Controller
TPS2359RHHR TI-TPS2359RHHR Datasheet
1Mb / 51P
[Old version datasheet]   TPS2359 Full Featured Dual-Slot AdvancedMC??Controller
TPS2359RHHT TI-TPS2359RHHT Datasheet
1Mb / 51P
[Old version datasheet]   TPS2359 Full Featured Dual-Slot AdvancedMC??Controller
More results

Descripción similar - TPS2359

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2359 TI-TPS2359 Datasheet
1Mb / 51P
[Old version datasheet]   TPS2359 Full Featured Dual-Slot AdvancedMC??Controller
TPS2358_0806 TI-TPS2358_0806 Datasheet
932Kb / 34P
[Old version datasheet]   TPS2358 Dual-Slot ATCA AdvancedMC??Controller
TPS2358 TI-TPS2358 Datasheet
931Kb / 34P
[Old version datasheet]   TPS2358 Dual-Slot ATCA AdvancedMC??Controller
logo
SELEC Controls Pvt. Ltd
PR502 SELEC-PR502 Datasheet
1Mb / 2P
   Full Featured Profile Controller
logo
ON Semiconductor
NCP1560 ONSEMI-NCP1560_06 Datasheet
523Kb / 20P
   Full Featured Voltage Mode PWM Controller
July, 2006 ??Rev. 7
NCP1560 ONSEMI-NCP1560 Datasheet
122Kb / 18P
   Full Featured Voltage Mode PWM Controller
January, 2003 - Rev. 5
logo
Analog Devices
EVAL-AD7405FMCZ AD-EVAL-AD7405FMCZ Datasheet
1Mb / 20P
   Full featured evaluation board
logo
Texas Instruments
ADS7861 TI1-ADS7861 Datasheet
1Mb / 9P
[Old version datasheet]   Full-featured evaluation board
logo
Analog Devices
UG-515 AD-UG-515 Datasheet
2Mb / 28P
   Full-featured evaluation board
logo
Texas Instruments
TPS2410 TI-TPS2410 Datasheet
851Kb / 26P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com