Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS22915C Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza TPS22915C
Descripción Electrónicos  5.5-V, 2-A, 37m(ohm) On-Resistance Load Switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22915C Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS22915C Datasheet HTML 3Page - Texas Instruments TPS22915C Datasheet HTML 4Page - Texas Instruments TPS22915C Datasheet HTML 5Page - Texas Instruments TPS22915C Datasheet HTML 6Page - Texas Instruments TPS22915C Datasheet HTML 7Page - Texas Instruments TPS22915C Datasheet HTML 8Page - Texas Instruments TPS22915C Datasheet HTML 9Page - Texas Instruments TPS22915C Datasheet HTML 10Page - Texas Instruments TPS22915C Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
t
R
t
ON
t
OFF
90%
90%
10%
10%
V
ON
V
OUT
V
OUT
50%
50%
50%
50%
t
D
10%
t
F
RL
+
-
OFF
ON
TPS22914/15
VIN
VOUT
CL
GND
(A)
GND
ON
GND
CIN = 1 µF
TPS22914B, TPS22914C, TPS22915B, TPS22915C
www.ti.com
SLVSCO0C – JUNE 2014 – REVISED JULY 2015
8.6 Switching Characteristics
Refer to the timing test circuit in Figure 1 (unless otherwise noted) for references to external components used for the test
condition in the switching characteristics table. Switching characteristics shown below are only valid for the power-up
sequence where VIN is already in steady state condition before the ON pin is asserted high.
TYP
TYP
PARAMETER
TEST CONDITION
UNIT
(TPS22914B/15B)
(TPS22914C/15C)
VIN = 5 V, VON = 5 V, TA = 25˚C (unless otherwise noted)
tON
Turn-on time
RL = 10 Ω, CIN = 1 µF, COUT = 0.1 µF
104
1300
µs
tOFF
Turn-off time
RL = 10 Ω, CIN = 1 µF, COUT = 0.1 µF
2
2
µs
tR
VOUT rise time
RL = 10 Ω, CIN = 1 µF, COUT = 0.1 µF
89
1277
µs
tF
VOUT fall time
RL = 10 Ω, CIN = 1 µF, COUT = 0.1 µF
2
2
µs
tD
Delay time
RL = 10 Ω, CIN = 1 µF, COUT = 0.1 µF
59
663
µs
VIN = 3.3 V, VON = 5 V, TA = 25˚C (unless otherwise noted)
tON
Turn-on time
RL = 10 Ω, CIN = 1 µF, COUT = 0.1 µF
83
1077
µs
tOFF
Turn-off time
RL = 10 Ω, CIN = 1 µF, COUT = 0.1 µF
2
2
µs
tR
VOUT rise time
RL = 10 Ω, CIN = 1 µF, COUT = 0.1 µF
64
913
µs
tF
VOUT fall time
RL = 10 Ω, CIN = 1 µF, COUT = 0.1 µF
2
2
µs
tD
Delay time
RL = 10 Ω, CIN = 1 µF, COUT = 0.1 µF
52
622
µs
VIN = 1.05 V, VON = 5 V, TA = 25˚C (unless otherwise noted)
tON
Turn-on time
RL = 10 Ω, CIN = 1 µF, COUT = 0.1 µF
61
752
µs
tOFF
Turn-off time
RL = 10 Ω, CIN = 1 µF, COUT = 0.1 µF
3
3
µs
tR
VOUT rise time
RL = 10 Ω, CIN = 1 µF, COUT = 0.1 µF
28
409
µs
tF
VOUT fall time
RL = 10 Ω, CIN = 1 µF, COUT = 0.1 µF
2
2
µs
tD
Delay time
RL = 10 Ω, CIN = 1 µF, COUT = 0.1 µF
47
547
µs
A.
Rise and fall times of the control signal is 100ns
Figure 1. Test Circuit
Figure 2. Timing Waveforms
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS22914B TPS22914C TPS22915B TPS22915C


Número de pieza similar - TPS22915C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22910AYZVR TI1-TPS22910AYZVR Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22910AYZVT TI1-TPS22910AYZVT Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22912 TI1-TPS22912 Datasheet
744Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22912A TI1-TPS22912A Datasheet
744Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
More results

Descripción similar - TPS22915C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22918-Q1 TI1-TPS22918-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22959 TI1-TPS22959 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 15-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22962 TI1-TPS22962 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 10-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22968-Q1 TI1-TPS22968-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   5.5-V, 4-A, 27Ohm On-Resistance Load Switch
TPS22990 TI1-TPS22990 Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22969 TI1-TPS22969 Datasheet
1Mb / 29P
[Old version datasheet]   5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
TPS22998 TI-TPS22998 Datasheet
1Mb / 21P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
OCTOBER 2021
TPS22998 TI-TPS22998_V01 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
DECEMBER 2021
TPS22970 TI1-TPS22970 Datasheet
856Kb / 22P
[Old version datasheet]   3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com