Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS22918TDBVTQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS22918TDBVTQ1
Descripción Electrónicos  5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22918TDBVTQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS22918TDBVTQ1 Datasheet HTML 6Page - Texas Instruments TPS22918TDBVTQ1 Datasheet HTML 7Page - Texas Instruments TPS22918TDBVTQ1 Datasheet HTML 8Page - Texas Instruments TPS22918TDBVTQ1 Datasheet HTML 9Page - Texas Instruments TPS22918TDBVTQ1 Datasheet HTML 10Page - Texas Instruments TPS22918TDBVTQ1 Datasheet HTML 11Page - Texas Instruments TPS22918TDBVTQ1 Datasheet HTML 12Page - Texas Instruments TPS22918TDBVTQ1 Datasheet HTML 13Page - Texas Instruments TPS22918TDBVTQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10
TPS22918-Q1
SLVSCZ8A – JULY 2016 – REVISED JULY 2016
www.ti.com
Product Folder Links: TPS22918-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical AC Characteristics (continued)
VIN = 5 V
CIN = 1 µF
CL = 0.1 µF
RL = 10 Ω
QOD = Open
Figure 14. Fall Time (tF) at VIN = 5 V
VIN = 3.3 V
CIN = 1 µF
CL = 0.1 µF
RL = 10 Ω
CT = 1000 pF
Figure 15. Rise Time (tR) at VIN = 3.3 V
VIN = 3.3 V
CIN = 1 µF
CL = 0.1 µF
RL = 10 Ω
QOD = Open
Figure 16. Fall Time (tF) at VIN = 3.3 V
VIN = 1.8 V
CIN = 1 µF
CL = 0.1 µF
RL = 10 Ω
CT = 1000 pF
Figure 17. Rise Time (tR) at VIN = 1.8 V
VIN = 1.8 V
CIN = 1 µF
CL = 0.1 µF
RL = 10 Ω
QOD = Open
Figure 18. Fall Time (tF) at VIN = 1.8 V
VIN = 1.0 V
CIN = 1 µF
CL = 0.1 µF
RL = 10 Ω
CT = 1000 pF
Figure 19. Rise Time (tR) at VIN = 1 V


Número de pieza similar - TPS22918TDBVTQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22918 TI1-TPS22918 Datasheet
793Kb / 27P
[Old version datasheet]   52Ohm On-Resistance Load Switch
TPS22918 TI1-TPS22918 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22918DBVR TI1-TPS22918DBVR Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22918DBVT TI1-TPS22918DBVT Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
More results

Descripción similar - TPS22918TDBVTQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22914B TI1-TPS22914B Datasheet
1Mb / 26P
[Old version datasheet]   5.5-V, 2-A, 37m(ohm) On-Resistance Load Switch
TPS22959 TI1-TPS22959 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 15-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22962 TI1-TPS22962 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 10-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22990 TI1-TPS22990 Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22969 TI1-TPS22969 Datasheet
1Mb / 29P
[Old version datasheet]   5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
TPS22968-Q1 TI1-TPS22968-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   5.5-V, 4-A, 27Ohm On-Resistance Load Switch
TPS22998 TI-TPS22998 Datasheet
1Mb / 21P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
OCTOBER 2021
TPS22998 TI-TPS22998_V01 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
DECEMBER 2021
TPS22970 TI1-TPS22970 Datasheet
856Kb / 22P
[Old version datasheet]   3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com