Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS22953 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS22953
Descripción Electrónicos  5.7 V, 5 A, 14 m(ohm) On-Resistance Load Switch
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22953 Datasheet(HTML) 5 Page - Texas Instruments

  TPS22953 Datasheet HTML 1Page - Texas Instruments TPS22953 Datasheet HTML 2Page - Texas Instruments TPS22953 Datasheet HTML 3Page - Texas Instruments TPS22953 Datasheet HTML 4Page - Texas Instruments TPS22953 Datasheet HTML 5Page - Texas Instruments TPS22953 Datasheet HTML 6Page - Texas Instruments TPS22953 Datasheet HTML 7Page - Texas Instruments TPS22953 Datasheet HTML 8Page - Texas Instruments TPS22953 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
TPS22954, TPS22953
www.ti.com
SLVSCT5C – MARCH 2015 – REVISED JULY 2015
8.4 Thermal Information
TPS22953/54
DQC
DSQ
THERMAL METRIC(1)
UNIT
(WSON)
(WSON)
10 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
65.2
63.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
73.9
81.6
°C/W
RθJB
Junction-to-board thermal resistance
25.5
34.1
°C/W
ψJT
Junction-to-top characterization parameter
2
1.9
°C/W
ψJB
Junction-to-board characterization parameter
25.4
34.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
8.5
7.9
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
8.5 Electrical Characteristics
Unless otherwise noted, the specification in the following table applies over the operating ambient temperature
–40 °C
≤ TA ≤ 105 °C and the recommended VBIAS voltage range of 2.5 V to 5.7 V. Typical values are for TA = 25°C.
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VOLTAGE THRESHOLDS
VIH, Rising threshold
VIN = 0.7 V to VBIAS
-40°C to 105°C
650
700
750
mV
VEN
VIL, Falling threshold
VIN = 0.7 V to VBIAS
-40°C to 105°C
560
600
640
mV
VIH, Rising threshold
VIN = 0.7 V to VBIAS
-40°C to 105°C
465
515
565
mV
VSNS
VIL, Falling threshold
VIN = 0.7 V to VBIAS
-40°C to 105°C
410
455
500
mV
TIMINGS
tBLANK
Blanking time for EN and SNS
EN or SNS Rising
-40°C to 105°C
100
µs
tDEGLITCH Deglitch time for EN and SNS
EN or SNS Falling
-40°C to 105°C
5
µs
Output discharge time
tDIS
CL = 100 µF
-40°C to 105°C
10
ms
(TPS22954 Only)
tRESTART
Output Restart Time
SNS Falling
-40°C to 105°C
2
ms
tRCB
Response Time for Reverse
VOUT = VBIAS
-40°C to 105°C
10
µs
Current Blocking
EN Falling
(TPS22953 Only)
THERMAL CHARACTERISTICS
TSD
Thermal shutdown
Junction Temperature Rising
-
130
150
170
°C
TSDHYS
Thermal shutdown hysteresis
Junction Temperature Falling
-
20
°C
REVERSE CURRENT BLOCKING
25°C
0.01
2
µA
Input Reverse Blocking Current
VOUT = 5 V, VIN = VEN = 0 V,
IRCB,IN
-40°C to 85°C
5
µA
(TPS22953 Only)
VBIAS = 0 V to 5.7 V
-40°C to 105°C
11
µA
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS22954 TPS22953


Número de pieza similar - TPS22953

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22953 TI-TPS22953 Datasheet
3Mb / 47P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-m廓 On-Resistance, Automotive Load Switch
NOVEMBER 2021
TPS22953 TI-TPS22953 Datasheet
2Mb / 44P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
TPS22953-Q1 TI-TPS22953-Q1 Datasheet
3Mb / 47P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-m廓 On-Resistance, Automotive Load Switch
NOVEMBER 2021
TPS22953-Q1 TI-TPS22953-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
TPS22953-Q1 TI-TPS22953-Q1_V01 Datasheet
2Mb / 44P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
More results

Descripción similar - TPS22953

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22976 TI1-TPS22976 Datasheet
1Mb / 32P
[Old version datasheet]   5.7-V, 6-A, 14-m(ohm) On-Resistance Dual-Channel Load Switch
TPS22953-Q1 TI-TPS22953-Q1 Datasheet
3Mb / 47P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-m廓 On-Resistance, Automotive Load Switch
NOVEMBER 2021
TPS22953-Q1 TI-TPS22953-Q1_V01 Datasheet
2Mb / 44P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
TPS22976 TI-TPS22976_V01 Datasheet
1Mb / 32P
[Old version datasheet]   TPS22976 5.7-V, 6-A, 14-m廓 On-Resistance Dual-Channel Load Switch
TPS22965 TI1-TPS22965_16 Datasheet
1Mb / 31P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22975 TI1-TPS22975 Datasheet
1Mb / 28P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22959 TI1-TPS22959 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 15-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22962 TI1-TPS22962 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 10-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22970 TI1-TPS22970 Datasheet
856Kb / 22P
[Old version datasheet]   3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com