Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS22959 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS22959
Descripción Electrónicos  5.5-V, 15-A, 4.4-m(ohm) On-Resistance Load Switch
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22959 Datasheet(HTML) 2 Page - Texas Instruments

  TPS22959 Datasheet HTML 1Page - Texas Instruments TPS22959 Datasheet HTML 2Page - Texas Instruments TPS22959 Datasheet HTML 3Page - Texas Instruments TPS22959 Datasheet HTML 4Page - Texas Instruments TPS22959 Datasheet HTML 5Page - Texas Instruments TPS22959 Datasheet HTML 6Page - Texas Instruments TPS22959 Datasheet HTML 7Page - Texas Instruments TPS22959 Datasheet HTML 8Page - Texas Instruments TPS22959 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
TPS22959
SLVSCN2B – JUNE 2014 – REVISED JULY 2015
www.ti.com
Table of Contents
8.2
Functional Block Diagram ....................................... 14
1
Features .................................................................. 1
8.3
Feature Description................................................. 14
2
Applications ........................................................... 1
8.4
Device Functional Modes........................................ 15
3
Description ............................................................. 1
9
Applications and Implementation ...................... 16
4
Simplified Schematic............................................. 1
9.1
Application Information............................................ 16
5
Revision History..................................................... 2
9.2
Typical Application .................................................. 16
6
Pin Configuration and Functions ......................... 3
10
Power Supply Recommendations ..................... 19
7
Specifications......................................................... 3
11
Layout................................................................... 19
7.1
Absolute Maximum Ratings ...................................... 3
11.1
Layout Guidelines ................................................. 19
7.2
ESD Ratings ............................................................ 4
11.2
Layout Example .................................................... 20
7.3
Recommended Operating Conditions ....................... 4
12
Device and Documentation Support ................. 21
7.4
Thermal Information .................................................. 4
12.1
Community Resources.......................................... 21
7.5
Electrical Characteristics, VBIAS = 5.0 V ................... 5
12.2
Trademarks ........................................................... 21
7.6
Electrical Characteristics, VBIAS = 2.5 V ................... 6
12.3
Electrostatic Discharge Caution ............................ 21
7.7
Switching Characteristics .......................................... 7
12.4
Glossary ................................................................ 21
7.8
Typical Characteristics .............................................. 9
13
Mechanical, Packaging, and Orderable
8
Detailed Description ............................................ 14
Information ........................................................... 21
8.1
Overview ................................................................. 14
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (June 2014) to Revision B
Page
Updated TA ratings in datasheet from 85°C to 105°C. ........................................................................................................... 1
Changes from Original (May 2014) to Revision A
Page
Initial release of full version. .................................................................................................................................................. 1
2
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPS22959


Número de pieza similar - TPS22959

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22950 TI-TPS22950 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
TPS22950 TI-TPS22950 Datasheet
1Mb / 26P
[Old version datasheet]   TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
DECEMBER 2020
TPS22950 TI-TPS22950 Datasheet
1Mb / 29P
[Old version datasheet]   TPS22950x 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
JUNE 2022
TPS22950 TI-TPS22950 Datasheet
1Mb / 25P
[Old version datasheet]   TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit
SEPTEMBER 2022
TPS22950 TI-TPS22950 Datasheet
914Kb / 25P
[Old version datasheet]   TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit
REVISED DECEMBER 2022
More results

Descripción similar - TPS22959

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22962 TI1-TPS22962 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 10-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22969 TI1-TPS22969 Datasheet
1Mb / 29P
[Old version datasheet]   5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22918-Q1 TI1-TPS22918-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22914B TI1-TPS22914B Datasheet
1Mb / 26P
[Old version datasheet]   5.5-V, 2-A, 37m(ohm) On-Resistance Load Switch
TPS22990 TI1-TPS22990 Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22968-Q1 TI1-TPS22968-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   5.5-V, 4-A, 27Ohm On-Resistance Load Switch
TPS22998 TI-TPS22998 Datasheet
1Mb / 21P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
OCTOBER 2021
TPS22998 TI-TPS22998_V01 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
DECEMBER 2021
TPS22970 TI1-TPS22970 Datasheet
856Kb / 22P
[Old version datasheet]   3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com