Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS22958DGNR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS22958DGNR
Descripción Electrónicos  5.5-V, 4-A / 6-A, 14-m廓 Load Switch with Adjustable Rise Time
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22958DGNR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS22958DGNR Datasheet HTML 3Page - Texas Instruments TPS22958DGNR Datasheet HTML 4Page - Texas Instruments TPS22958DGNR Datasheet HTML 5Page - Texas Instruments TPS22958DGNR Datasheet HTML 6Page - Texas Instruments TPS22958DGNR Datasheet HTML 7Page - Texas Instruments TPS22958DGNR Datasheet HTML 8Page - Texas Instruments TPS22958DGNR Datasheet HTML 9Page - Texas Instruments TPS22958DGNR Datasheet HTML 10Page - Texas Instruments TPS22958DGNR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
TPS22958, TPS22958N
www.ti.com
SLVSCX7A – FEBRUARY 2015 – REVISED MARCH 2015
7.6 Electrical Characteristics (VBIAS = 3.3 V)
Unless otherwise noted, the specification in the following table applies over the operating ambient temperature
–40°C
≤ TA ≤ 105°C and VBIAS = 3.3 V. Typical values are for TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
POWER SUPPLIES AND CURRENTS
-40°C to 85°C
23
27
IQ, VBIAS
VBIAS quiescent current
IOUT = 0, VIN = VON = VBIAS = 3.3 V
µA
-40°C to 105°C
27
-40°C to 85°C
0.3
0.7
ISD, VBIAS
VBIAS shutdown current
VON = 0 V, VOUT = 0 V, VBIAS = 3.3 V
µA
-40°C to 105°C
0.7
-40°C to 85°C
0.1
3
VIN = 3.3 V
-40°C to 105°C
4
-40°C to 85°C
0.07
2
VIN = 1.8 V
-40°C to 105°C
3
ISD, VIN
VIN shutdown current
VON = 0 V, VOUT = 0 V, VBIAS = 3.3 V
µA
-40°C to 85°C
0.05
1
VIN= 1.2 V
-40°C to 105°C
2
-40°C to 85°C
0.04
1
VIN = 0.6 V
-40°C to 105°C
2
ION
ON pin input leakage current
VON = 5.5 V, VBIAS = 3.3 V
-40°C to 105°C
0.1
µA
RESISTANCE CHARACTERISTICS
25°C
14
18
VIN = 3.3 V
-40°C to 85°C
20
m
Ω
-40°C to 105°C
24
25°C
13
17
VIN = 2.5 V
-40°C to 85°C
20
m
Ω
-40°C to 105°C
23
25°C
13
17
VIN = 1.8 V
-40°C to 85°C
20
m
Ω
-40°C to 105°C
23
RON
ON-state resistance
IOUT = –200 mA, VBIAS = 3.3 V
25°C
13
17
VIN = 1.5 V
-40°C to 85°C
20
m
Ω
-40°C to 105°C
23
25°C
13
17
VIN = 1.2 V
-40°C to 85°C
20
m
Ω
-40°C to 105°C
23
25°C
13
17
VIN = 0.6 V
-40°C to 85°C
20
m
Ω
-40°C to 105°C
23
RPD
Output pulldown resistance
VIN = VBIAS = 3.3 V, VON = 0 V, IOUT = 10 mA
-40°C to 105°C
135
160
Ω
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS22958 TPS22958N


Número de pieza similar - TPS22958DGNR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22950 TI-TPS22950 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
TPS22950 TI-TPS22950 Datasheet
1Mb / 26P
[Old version datasheet]   TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
DECEMBER 2020
TPS22950 TI-TPS22950 Datasheet
1Mb / 29P
[Old version datasheet]   TPS22950x 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
JUNE 2022
TPS22950 TI-TPS22950 Datasheet
1Mb / 25P
[Old version datasheet]   TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit
SEPTEMBER 2022
TPS22950 TI-TPS22950 Datasheet
914Kb / 25P
[Old version datasheet]   TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit
REVISED DECEMBER 2022
More results

Descripción similar - TPS22958DGNR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22992 TI-TPS22992_V01 Datasheet
1Mb / 31P
[Old version datasheet]   TPS22992x 5-V, 8.7-m廓, 6-A Load Switch With Adjustable Rise Time
DECEMBER 2021
TPS22992 TI-TPS22992 Datasheet
2Mb / 29P
[Old version datasheet]   TPS22992x 5-V, 8.7-m廓, 6-A Load Switch with Adjustable Rise Time
TPS22919 TI1-TPS22919_19 Datasheet
1Mb / 25P
[Old version datasheet]   5.5 V, 1.5 A, 90-m廓 Self-protected load switch with controlled rise time
TPS22919 TI1-TPS22919 Datasheet
798Kb / 17P
[Old version datasheet]   5.5 V, 1.5 A, 90-m廓 Self-Protected Load Switch with Controlled Rise Time
TPS22997 TI-TPS22997 Datasheet
1,013Kb / 25P
[Old version datasheet]   TPS22997 5.5-V, 10-A, 4-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
TPS22995 TI-TPS22995 Datasheet
882Kb / 26P
[Old version datasheet]   TPS22995 5.5-V, 3.8-A, 18-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
TPS22995 TI-TPS22995_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TPS22995 5.5-V, 3.8-A, 18-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
TPS22969 TI1-TPS22969 Datasheet
1Mb / 29P
[Old version datasheet]   5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
TPS22950 TI-TPS22950 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
TPS22950 TI-TPS22950_V02 Datasheet
1Mb / 29P
[Old version datasheet]   TPS22950x 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
JUNE 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com