Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS22965 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS22965
Descripción Electrónicos  5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22965 Datasheet(HTML) 1 Page - Texas Instruments

  TPS22965_16 Datasheet HTML 1Page - Texas Instruments TPS22965_16 Datasheet HTML 2Page - Texas Instruments TPS22965_16 Datasheet HTML 3Page - Texas Instruments TPS22965_16 Datasheet HTML 4Page - Texas Instruments TPS22965_16 Datasheet HTML 5Page - Texas Instruments TPS22965_16 Datasheet HTML 6Page - Texas Instruments TPS22965_16 Datasheet HTML 7Page - Texas Instruments TPS22965_16 Datasheet HTML 8Page - Texas Instruments TPS22965_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Input Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
5
10
15
20
25
30
35
40
D008
-40qC
25qC
105qC
Power
Supply
OFF
ON
TPS22965x
VIN
VOUT
RL
CL
GND
ON
CT
CIN
VBIAS
GND
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS22965
SLVSBJ0F – AUGUST 2012 – REVISED AUGUST 2016
TPS22965 5.7-V, 6-A, 16-mΩ On-Resistance Load Switch
1
1 Features
1
Integrated Single Channel Load Switch
Input Voltage Range: 0.8 V to 5.7 V
Ultra-Low On Resistance (RON)
RON = 16 mΩ at VIN = 5 V (VBIAS = 5 V)
RON = 16 mΩ at VIN = 3.6 V (VBIAS = 5 V)
RON = 16 mΩ at VIN = 1.8 V (VBIAS = 5 V)
6-A Maximum Continuous Switch Current
Low Quiescent Current (50 µA)
Low Control Input Threshold Enables Use of
1.2-, 1.8-, 2.5-, and 3.3-V Logic
Configurable Rise Time
Quick Output Discharge (QOD) (Optional)
SON 8-pin Package With Thermal Pad
ESD Performance Tested per JESD 22
2000-V HBM and 1000-V CDM
2 Applications
Ultrabook™
Notebooks and Netbooks
Tablet PC
Consumer Electronics
Set-top Boxes and Residential Gateways
Telecom Systems
Solid State Drives (SSDs)
3 Description
The TPS22965x is a single channel load switch that
provides configurable rise time to minimize inrush
current. The device contains an N-channel MOSFET
that can operate over an input voltage range of 0.8 V
to 5.7 V and can support a maximum continuous
current of 6 A. The switch is controlled by an on and
off input (ON), which is capable of interfacing directly
with low-voltage control signals. In the TPS22965, a
225-Ω on-chip load resistor is added for quick output
discharge when switch is turned off.
The TPS22965x is available in a small, space-saving
2-mm × 2-mm 8-pin SON package (DSG) with
integrated thermal pad allowing for high power
dissipation. The device is characterized for operation
over the free-air temperature range of –40°C to
+105°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS22965
TPS22965N
WSON (8)
2.00 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
On-Resistance vs Input Voltage
(VBIAS = 5 V, IOUT = –200 mA)


Número de pieza similar - TPS22965_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22965-Q1 TI1-TPS22965-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   On-Resistance Load Switch
TPS22965DSGR TI1-TPS22965DSGR Datasheet
1Mb / 25P
[Old version datasheet]   Single Channel, Ultra-Low Resistance Load Switch
TPS22965DSGT TI1-TPS22965DSGT Datasheet
1Mb / 25P
[Old version datasheet]   Single Channel, Ultra-Low Resistance Load Switch
TPS22965NQWDSGRQ1 TI1-TPS22965NQWDSGRQ1 Datasheet
1Mb / 33P
[Old version datasheet]   On-Resistance Load Switch
TPS22965NQWDSGTQ1 TI1-TPS22965NQWDSGTQ1 Datasheet
1Mb / 33P
[Old version datasheet]   On-Resistance Load Switch
More results

Descripción similar - TPS22965_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22975 TI1-TPS22975 Datasheet
1Mb / 28P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22976 TI-TPS22976_V01 Datasheet
1Mb / 32P
[Old version datasheet]   TPS22976 5.7-V, 6-A, 14-m廓 On-Resistance Dual-Channel Load Switch
TPS22969 TI1-TPS22969 Datasheet
1Mb / 29P
[Old version datasheet]   5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
TPS22976 TI1-TPS22976 Datasheet
1Mb / 32P
[Old version datasheet]   5.7-V, 6-A, 14-m(ohm) On-Resistance Dual-Channel Load Switch
TPS22953-Q1 TI-TPS22953-Q1 Datasheet
3Mb / 47P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-m廓 On-Resistance, Automotive Load Switch
NOVEMBER 2021
TPS22954 TI1-TPS22954 Datasheet
1Mb / 46P
[Old version datasheet]   5.7 V, 5 A, 14 m(ohm) On-Resistance Load Switch
TPS22990 TI1-TPS22990 Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22998 TI-TPS22998_V01 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
DECEMBER 2021
TPS22998 TI-TPS22998 Datasheet
1Mb / 21P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
OCTOBER 2021
TPS22953-Q1 TI-TPS22953-Q1_V01 Datasheet
2Mb / 44P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com