Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS22990DMLT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS22990DMLT
Descripción Electrónicos  5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22990DMLT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS22990DMLT Datasheet HTML 5Page - Texas Instruments TPS22990DMLT Datasheet HTML 6Page - Texas Instruments TPS22990DMLT Datasheet HTML 7Page - Texas Instruments TPS22990DMLT Datasheet HTML 8Page - Texas Instruments TPS22990DMLT Datasheet HTML 9Page - Texas Instruments TPS22990DMLT Datasheet HTML 10Page - Texas Instruments TPS22990DMLT Datasheet HTML 11Page - Texas Instruments TPS22990DMLT Datasheet HTML 12Page - Texas Instruments TPS22990DMLT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
100
3
3.25
3.5
3.75
4
4.25
4.5
4.75
D001
VIN = 3.3 V
VIN = 1.8 V
VIN = 1.2 V
VIN = 1.05 V
VIN = 0.8 V
VIN = 0.6 V
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
100
3
3.25
3.5
3.75
4
4.25
4.5
4.75
D001
VIN = 5 V
VIN = 3.3 V
VIN = 2.5 V
VIN = 1.8 V
VIN = 1.05 V
VIN = 0.6 V
Input Voltage (V)
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
-0.05
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
D052
-40 qC
25 qC
85 qC
105 qC
Input Voltage (V)
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-0.05
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
D053
-40 qC
25 qC
85 qC
105 qC
Bias Voltage (V)
2.4
2.7
3
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
5.7
36
39
42
45
48
51
54
57
60
63
66
69
D001
-40°C
25°C
85°C
105°C
Bias Voltage (V)
2.4
2.7
3
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
5.7
3.75
4
4.25
4.5
4.75
5
5.25
5.5
5.75
6
6.25
6.5
6.75
D051
-40 qC
25 qC
85 qC
105 qC
9
TPS22990
www.ti.com
SLVSDK1A – MAY 2016 – REVISED JULY 2016
Product Folder Links: TPS22990
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.8 Typical Characteristics
VON = 5 V
IOUT = 0 A
VIN = VBIAS
Figure 1. Quiescent Current vs Bias Voltage
VON = 0 V
VOUT = 0 V
VIN = VBIAS
Figure 2. Bias Shutdown Current vs Bias Voltage
VON = 0 V
VBIAS = 3.3 V
VOUT = 0 V
Figure 3. Input Shutdown Current vs Input Voltage
VON = 0 V
VBIAS = 5 V
VOUT = 0 V
Figure 4. Input Shutdown Current vs Input Voltage
VON = 5 V
VBIAS = 3.3 V
IOUT = –200mA
Figure 5. On-Resistance vs Ambient Temperature
VON = 5 V
VBIAS = 5 V
IOUT = –200mA
Figure 6. On-Resistance vs Ambient Temperature


Número de pieza similar - TPS22990DMLT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22992 TI-TPS22992 Datasheet
2Mb / 29P
[Old version datasheet]   TPS22992x 5-V, 8.7-m廓, 6-A Load Switch with Adjustable Rise Time
TPS22992 TI-TPS22992 Datasheet
1Mb / 31P
[Old version datasheet]   TPS22992x 5-V, 8.7-m廓, 6-A Load Switch With Adjustable Rise Time
DECEMBER 2021
TPS22992RXP TI-TPS22992RXP Datasheet
1Mb / 31P
[Old version datasheet]   TPS22992x 5-V, 8.7-m廓, 6-A Load Switch With Adjustable Rise Time
DECEMBER 2021
TPS22992RXPR TI-TPS22992RXPR Datasheet
1Mb / 31P
[Old version datasheet]   TPS22992x 5-V, 8.7-m廓, 6-A Load Switch With Adjustable Rise Time
DECEMBER 2021
TPS22992S TI-TPS22992S Datasheet
2Mb / 29P
[Old version datasheet]   TPS22992x 5-V, 8.7-m廓, 6-A Load Switch with Adjustable Rise Time
More results

Descripción similar - TPS22990DMLT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22998 TI-TPS22998_V01 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
DECEMBER 2021
TPS22998 TI-TPS22998 Datasheet
1Mb / 21P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
OCTOBER 2021
TPS22969 TI1-TPS22969 Datasheet
1Mb / 29P
[Old version datasheet]   5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
TPS22962 TI1-TPS22962 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 10-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22959 TI1-TPS22959 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 15-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22918-Q1 TI1-TPS22918-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22968-Q1 TI1-TPS22968-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   5.5-V, 4-A, 27Ohm On-Resistance Load Switch
TPS22975 TI1-TPS22975 Datasheet
1Mb / 28P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22965 TI1-TPS22965_16 Datasheet
1Mb / 31P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com