Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS22975NDSGT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS22975NDSGT
Descripción Electrónicos  5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22975NDSGT Datasheet(HTML) 5 Page - Texas Instruments

  TPS22975NDSGT Datasheet HTML 1Page - Texas Instruments TPS22975NDSGT Datasheet HTML 2Page - Texas Instruments TPS22975NDSGT Datasheet HTML 3Page - Texas Instruments TPS22975NDSGT Datasheet HTML 4Page - Texas Instruments TPS22975NDSGT Datasheet HTML 5Page - Texas Instruments TPS22975NDSGT Datasheet HTML 6Page - Texas Instruments TPS22975NDSGT Datasheet HTML 7Page - Texas Instruments TPS22975NDSGT Datasheet HTML 8Page - Texas Instruments TPS22975NDSGT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
TPS22975
www.ti.com
SLVSDD0A – MAY 2016 – REVISED JUNE 2016
Product Folder Links: TPS22975
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
TPS22975
UNIT
DSG (WSON)
8 PINS
RθJA
Junction-to-ambient thermal resistance
74.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
81
°C/W
RθJB
Junction-to-board thermal resistance
44.7
°C/W
ψJT
Junction-to-top characterization parameter
3.9
°C/W
ψJB
Junction-to-board characterization parameter
45.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
16.4
°C/W
(1)
TPS22975 only
7.5 Electrical Characteristics—VBIAS = 5 V
Unless otherwise noted, the specifications in the following table applies where VBIAS = 5 V. Typical values are for TA = 25 °C.
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
POWER SUPPLIES AND CURRENTS
IQ, VBIAS
VBIAS quiescent current
IOUT = 0 A,
VIN = VON = 5 V
–40°C to +105°C
37
45
µA
ISD, VBIAS
VBIAS shutdown current
VON = VOUT = 0 V
–40°C to +105°C
2.3
µA
ISD, VIN
VIN off-state supply current
VON = VOUT = 0 V
VIN = 5 V
–40°C to +85°C
0.005
5
µA
–40°C to +105°C
10
VIN = 3.3 V
–40°C to +85°C
0.002
1.5
–40°C to +105°C
3.5
VIN = 1.8 V
–40°C to +85°C
0.002
1
–40°C to +105°C
2
VIN = 0.6 V
–40°C to +85°C
0.001
0.5
–40°C to +105°C
1
ION
On-pin input leakage current
VON = 5.5 V
–40°C to +105°C
0.1
µA
RESISTANCE CHARACTERISTICS
RON
On-resistance
IOUT = –200 mA
VIN = 5 V
25°C
16
19
m
–40°C to +85°C
23
–40°C to +105°C
25
VIN = 3.3 V
25°C
16
19
–40°C to +85°C
23
–40°C to +105°C
25
VIN = 1.8 V
25°C
16
19
–40°C to +85°C
23
–40°C to +105°C
25
VIN = 1.5 V
25°C
16
19
–40°C to +85°C
23
–40°C to +105°C
25
VIN = 1.05 V
25°C
16
19
–40°C to +85°C
23
–40°C to +105°C
25
VIN = 0.6 V
25°C
16
19
–40°C to +85°C
23
–40°C to +105°C
25
VON, HYS
On-pin hysteresis
VIN = 5 V
25°C
120
mV
RPD
(1)
Output pulldown resistance
VIN = 5 V, VON = 0 V
–40°C to +105°C
230
300
TSD
Thermal shutdown
Junction temperature rising
160
°C
TSD, HYS
Thermal shutdown hysteresis
Junction temperature falling
20
°C


Número de pieza similar - TPS22975NDSGT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22970 TI1-TPS22970 Datasheet
856Kb / 22P
[Old version datasheet]   3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
TPS22970YZPR TI1-TPS22970YZPR Datasheet
856Kb / 22P
[Old version datasheet]   3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
TPS22970YZPT TI1-TPS22970YZPT Datasheet
856Kb / 22P
[Old version datasheet]   3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
TPS22971 TI1-TPS22971 Datasheet
427Kb / 20P
[Old version datasheet]   3.6-V, 3-A, 7.5-m(ohm) On-Resistance Load Switch With Adjustable Fast Turnon and Power Good
TPS22971YZPR TI1-TPS22971YZPR Datasheet
427Kb / 20P
[Old version datasheet]   3.6-V, 3-A, 7.5-m(ohm) On-Resistance Load Switch With Adjustable Fast Turnon and Power Good
More results

Descripción similar - TPS22975NDSGT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22965 TI1-TPS22965_16 Datasheet
1Mb / 31P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22976 TI-TPS22976_V01 Datasheet
1Mb / 32P
[Old version datasheet]   TPS22976 5.7-V, 6-A, 14-m廓 On-Resistance Dual-Channel Load Switch
TPS22969 TI1-TPS22969 Datasheet
1Mb / 29P
[Old version datasheet]   5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
TPS22976 TI1-TPS22976 Datasheet
1Mb / 32P
[Old version datasheet]   5.7-V, 6-A, 14-m(ohm) On-Resistance Dual-Channel Load Switch
TPS22953-Q1 TI-TPS22953-Q1 Datasheet
3Mb / 47P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-m廓 On-Resistance, Automotive Load Switch
NOVEMBER 2021
TPS22954 TI1-TPS22954 Datasheet
1Mb / 46P
[Old version datasheet]   5.7 V, 5 A, 14 m(ohm) On-Resistance Load Switch
TPS22990 TI1-TPS22990 Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22998 TI-TPS22998_V01 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
DECEMBER 2021
TPS22998 TI-TPS22998 Datasheet
1Mb / 21P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
OCTOBER 2021
TPS22953-Q1 TI-TPS22953-Q1_V01 Datasheet
2Mb / 44P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com