Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPIC0107B Datasheet(PDF) 4 Page - Texas Instruments

No. de Pieza. TPIC0107B
Descripción  PWM CONTROL INTELLIGENT H-BRIDGE
Descarga  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPIC0107B Datasheet(HTML) 4 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TPIC0107B
PWM CONTROL INTELLIGENT HBRIDGE
SLIS067A − NOVEMBER 1998 − REVISED APRIL 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating case temperature range and VCC = 5 V to
6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LSD
TJ = 25°C
550
m
rDS(on)
Static drain-source on-resistance (per transistor)
LSD
TJ = 150°C
850
m
rDS(on)
Static drain-source on-resistance (per transistor)
I(BR) = 1 A
HSD
TJ = 25°C
600
m
I(BR) = 1 A
HSD
TJ = 150°C
870
m
I(QCD)
Open circuit detection current
10
40
100
mA
V(UVCC(OFF))
Under voltage detection on VCC, switch off voltage
See Note 1
5
V
V(UVCC(ON))
Under voltage detection on VCC, switch on voltage
See Note 1
5.2
V
V(STL)
STATUS low output voltage
IO = 100 µA, See Note 1
0.8
V
V(ST2H)
STATUS2 high output voltage
IO = 20 µA, See Note 1
3
5.4
V
I(ST(OFF))
STATUS output leakage current
V(ST) = 5 V, See Note 1
5
µA
VIL
Low level logic input voltage
−0.3
0.5
V
VIH
High level logic input voltage
3.6
7
V
∆VI
Hysteresis of input voltage
0.3
V
IIH
High level logic input current
VIH = 3.5 V
2
10
50
µA
NOTE 1: The device functions according to the function table for VCC between V(UVCC) and 5 V (no parameters specified). STATUS outputs are
not defined for VCC less than V(UVCC).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn