Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPIC0108B Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TPIC0108B
Descripción Electrónicos  PWM CONTROL INTELLIGENT H-BRIDGE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC0108B Datasheet(HTML) 5 Page - Texas Instruments

  TPIC0108B_11 Datasheet HTML 1Page - Texas Instruments TPIC0108B_11 Datasheet HTML 2Page - Texas Instruments TPIC0108B_11 Datasheet HTML 3Page - Texas Instruments TPIC0108B_11 Datasheet HTML 4Page - Texas Instruments TPIC0108B_11 Datasheet HTML 5Page - Texas Instruments TPIC0108B_11 Datasheet HTML 6Page - Texas Instruments TPIC0108B_11 Datasheet HTML 7Page - Texas Instruments TPIC0108B_11 Datasheet HTML 8Page - Texas Instruments TPIC0108B_11 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TPIC0108B
PWM CONTROL INTELLIGENT HBRIDGE
SLIS068A − NOVEMBER1998 − REVISED APRIL 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating case temperature and supply voltage
ranges (unless otherwise noted) (see Note 2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ = 25°C
VCC = 6 V to 9 V
380
LSD
TJ = 25°C
VCC = 9 V to 18 V
280
340
m
LSD
TJ = 150°C
VCC = 6 V to 9 V
620
m
rDS(on)
Static drain-source on-resistance
TJ = 150°C
VCC = 9 V to 18 V
400
560
rDS(on)
Static drain-source on-resistance
(per transistor) IBR = 1 A
TJ = 25°C
VCC = 6 V to 9 V
430
(per transistor) IBR = 1 A
HSD
TJ = 25°C
VCC = 9 V to 18 V
280
340
m
HSD
TJ = 150°C
VCC = 6 V to 9 V
640
m
TJ = 150°C
VCC = 9 V to 18 V
400
560
I(QB)
Quiescent battery current
TJ = 25°C
VCC = 13.2 V
20
µA
I(QCD)
Open circuit detection current
10
40
100
mA
TSDS
Static thermal shutdown temperature
See Notes 3 and 4
140
°C
TSDD
Dynamic thermal shutdown temperature
See Notes 3 and 5
160
°C
ICS
Current shutdown limit
VCC = 6 V to 9 V
4.8
7.5
A
ICS
Current shutdown limit
VCC = 9 V to 18 V
5
7.5
A
I(CON)
Continuous bridge current
TJ = 125°C, Operating lifetime 10,000 hours,
(see Figure 1)
3
A
V(OVCC)
Over voltage detection on VCC
27
36
V
V(STL)
STATUS low output voltage
IO = 100 µA
0.8
V
V(ST2H)
STATUS2 high output voltage
IO = 20 µA
3.9
5.4
V
I(ST(OFF)) STATUS output leakage current
V(ST) = 5 V
5
µA
VIL
Low level logic input voltage
−0.3
0.8
V
VIH
High level logic input voltage
3.6
7
V
∆VI
Hysteresis of input voltage
0.3
V
IIH
High level logic input current
VIH = 3.5 V
2
10
50
µA
NOTES:
2. The device functions according to the function table for VCC between 18 V and V(OVCC), but only up to a maximum supply voltage
of 33 V (no parameters specified). Exposure beyond 18 V for extended periods may affect device reliability.
3. Exposure beyond absolute-maximum-rated condition of junction temperature may affect device reliability.
4. No temperature gradient between DMOS transistor and temperature sensor.
5. With temperature gradient between DMOS transistor and temperature sensor in a typical application (DMOS transistor as heat
source).
switching characteristics over recommended operating case temperature and supply voltage
ranges (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tout(on)
High-side driver turn-on time
VDS(on)<1 V at 1 A,
VCC = 13.2 V
100
s
tout(on)
Low-side driver turn-on time
VDS(on)<1 V at 1 A,
VCC = 13.2 V
100
µs
SR
Slew rate, low-to-high sinusoidal (
δV/δt)
VCC = 13.2 V,
IO = 1 A resistive load
1
6
V/ s
SR
Slew rate, high-to-low sinusoidal (
δV/δt)
VCC = 13.2 V,
IO = 1 A resistive load
1
6
V/
µs
td(QCD)
Under current spike duration to trigger
open circuit detection
VCC = 5 V to 18 V
1
10
ms
td(CS)
Delay time for over current shutdown
5
10
25
µs


Número de pieza similar - TPIC0108B_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPIC0108BDWP TI-TPIC0108BDWP Datasheet
205Kb / 14P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
More results

Descripción similar - TPIC0108B_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPIC0108B TI-TPIC0108B Datasheet
205Kb / 14P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
TPIC0107B TI-TPIC0107B Datasheet
202Kb / 14P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
TPIC0107B TI1-TPIC0107B_10 Datasheet
289Kb / 15P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
logo
Sanyo Semicon Device
LV8018W SANYO-LV8018W Datasheet
114Kb / 7P
   4ch PWM H-bridge Driver
logo
Texas Instruments
DRV8704 TI1-DRV8704 Datasheet
1Mb / 38P
[Old version datasheet]   Dual H-Bridge PWM Gate Driver
logo
Freescale Semiconductor...
MC33931 FREESCALE-MC33931_12 Datasheet
883Kb / 26P
   5.0 A Throttle Control H-bridge
logo
NXP Semiconductors
MC33931 NXP-MC33931 Datasheet
1Mb / 26P
   5.0 A Throttle Control H-bridge
Rev. 4.0, 10/2012
logo
Freescale Semiconductor...
33931 FREESCALE-33931 Datasheet
1Mb / 21P
   5.0 A Throttle Control H-bridge
logo
NXP Semiconductors
MC33932 NXP-MC33932 Datasheet
1Mb / 28P
   5.0 A Throttle Control H-Bridge
Rev. 5.0, 10/2012
logo
Freescale Semiconductor...
33926 FREESCALE-33926 Datasheet
665Kb / 24P
   5.0 A Throttle Control H-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com