Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UF3BF Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

No. de pieza UF3BF
Descripción Electrónicos  SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUNMATE [SUNMATE electronic Co., LTD]
Página de inicio  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

UF3BF Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  UF3BF Datasheet HTML 1Page - SUNMATE electronic Co., LTD UF3BF Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ambient Temperature (
)
Fig. 1 - Maximum Forward Current
Derating Curve
Fig. 3 - Typical Instantaneous
Forward Characteristics
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig. 4 - Typical Reverse Leakage
Characteristics
Number of Cycles at 60 HZ
Fig. 2 - Maximum Non-Repetitive
Peak Forward Surge Current
Reverse Voltage (V)
Fig. 5 - Typical Junction
Capacitance
20
40
60
80
100
120
140
160
0
0.5
1.0
1.5
2.0
2.5
3.0
Resistive or
Inductive Load
Lead Length = 0.375" (9.5mm)
1
10
100
120
100
80
60
40
20
0
TA = 55
8.3ms Single Half Sine-Wave
(JEDEC Method)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.01
0.1
1
10
100
TJ = 25
Pulse Width = 300 s
1% Duty Cycle
UF3AF - UF3DF
0
20
40
60
80
100
0.01
0.1
1
10
100
0.1
1
10
100
20
40
60
80
100
120
140
160
TJ = 25
f = 1.0MHZ
Vsig = 50MVp-p
TJ = 25
TJ = 100
TJ = 125
TJ = 100
TJ = 125
UF3GF
°
C
°
C
°
C
°
C
°
C
°
C
°
C
°
C
°
C
µ
UF3AF - UF3GF
UF3JF - UF3MF
UF3JF - UF3MF
2 of 2
www.sunmate.tw


Número de pieza similar - UF3BF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microdiode Electronics ...
UF3BF CHENDA-UF3BF Datasheet
667Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
More results

Descripción similar - UF3BF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Yixinwei Techn...
US3AB YIXIN-US3AB_15 Datasheet
330Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
US5AB SUNMATE-US5AB Datasheet
528Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
US5AF SUNMATE-US5AF Datasheet
893Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
US2AF SUNMATE-US2AF Datasheet
485Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
UF2AA SUNMATE-UF2AA Datasheet
367Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
US2A SUNMATE-US2A Datasheet
576Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
UF5A SUNMATE-UF5A Datasheet
578Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
US1AF SUNMATE-US1AF Datasheet
332Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
US1AL SUNMATE-US1AL Datasheet
313Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
US3AA SUNMATE-US3AA Datasheet
395Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com