Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPIC5223L Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza TPIC5223L
Descripción Electrónicos  2-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC5223L Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPIC5223L Datasheet HTML 5Page - Texas Instruments TPIC5223L Datasheet HTML 6Page - Texas Instruments TPIC5223L Datasheet HTML 7Page - Texas Instruments TPIC5223L Datasheet HTML 8Page - Texas Instruments TPIC5223L Datasheet HTML 9Page - Texas Instruments TPIC5223L Datasheet HTML 10Page - Texas Instruments TPIC5223L Datasheet HTML 11Page - Texas Instruments TPIC5223L Datasheet HTML 12Page - Texas Instruments TPIC5223L Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TPIC5223L
2-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL
POWER DMOS ARRAY
SLIS043A – NOVEMBER 1994 – REVISED SEPTEMBER 1995
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
THERMAL INFORMATION
MAXIMUM DRAIN CURRENT
vs
DRAIN-TO-SOURCE VOLTAGE
VDS – Drain-to-Source Voltage – V
Figure 15
† Less than 2% duty cycle
‡ Device mounted in intimate contact with infinite heatsink.
§ Device mounted on FR4 printed-circuit board with no heatsink.
10
1
0.1
0.1
1
10
100
10 ms†
θJP‡
θJA§
1
µs†
1 ms†
DC Conditions
500
µs†
TC = 25°C
MAXIMUM PEAK AVALANCHE CURRENT
vs
TIME DURATION OF AVALANCHE
tav – Time Duration of Avalanche – ms
Figure 16
1
0.01
0.1
1
2
3
4
5
TC = 25°C
TC = 125°C
See Figure 4
10
100


Número de pieza similar - TPIC5223L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPIC5223L TI-TPIC5223L Datasheet
285Kb / 13P
[Old version datasheet]   2-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
More results

Descripción similar - TPIC5223L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPIC5223L TI-TPIC5223L Datasheet
285Kb / 13P
[Old version datasheet]   2-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5423L TI-TPIC5423L Datasheet
199Kb / 11P
[Old version datasheet]   4-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5323L TI1-TPIC5323L Datasheet
251Kb / 13P
[Old version datasheet]   3-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5203 TI1-TPIC5203 Datasheet
261Kb / 13P
[Old version datasheet]   2-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
TPIC5303 TI1-TPIC5303 Datasheet
264Kb / 14P
[Old version datasheet]   3-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
TPIC5403 TI-TPIC5403 Datasheet
295Kb / 14P
[Old version datasheet]   4-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
TPIC5322L TI1-TPIC5322L Datasheet
228Kb / 12P
[Old version datasheet]   3-CHANNEL INDEPENDENT LOGIC-LEVEL POWER DMOS ARRAY
TPIC5421L TI1-TPIC5421L Datasheet
299Kb / 16P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC1321L TI1-TPIC1321L Datasheet
273Kb / 14P
[Old version datasheet]   3-HALF H-BRIDGE GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5302D TI1-TPIC5302D Datasheet
211Kb / 12P
[Old version datasheet]   3-CHANNEL INDEPENDENT POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com