Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPL7407LPW Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza TPL7407LPW
Descripción Electrónicos  TPL7407L 40-V 7-Channel Low Side Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPL7407LPW Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPL7407LPW Datasheet HTML 4Page - Texas Instruments TPL7407LPW Datasheet HTML 5Page - Texas Instruments TPL7407LPW Datasheet HTML 6Page - Texas Instruments TPL7407LPW Datasheet HTML 7Page - Texas Instruments TPL7407LPW Datasheet HTML 8Page - Texas Instruments TPL7407LPW Datasheet HTML 9Page - Texas Instruments TPL7407LPW Datasheet HTML 10Page - Texas Instruments TPL7407LPW Datasheet HTML 11Page - Texas Instruments TPL7407LPW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
TPL7407L
SLRS066D – JANUARY 2014 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPL7407L
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
TPL7407L will typically be used to drive a high voltage and/or current peripheral from an MCU or logic device
that cannot tolerate these conditions. The following design is a common application of TPL7407L, driving
inductive loads. This includes motors, solenoids & relays. Each load type can be modeled by what's seen in
Figure 9.
8.2 Typical Application
8.2.1 Inductive Load Driver
Please note that inductive loads, such as stepper motors or relays, can generate negative transients on the
OUTx pins of the device. Typically this occurs when the output channel FET turns ON, pulling the OUTx node to
ground. This can cause the OUTx node to go below the voltage rating listed in the Absolute Maximum Ratings
table, which in effect causes excessive ground current leakage. This effect is only seen on the OUT7 pin, and
prolonged usage in this condition can cause permanent damage to the device.
If the application has an inductive load connected to OUT7, it is recommended to use an external Schottky diode
to protect the OUT7 pin from negative transients larger than those listed in the Absolute Maximum Ratings table,
such as in Figure 9 below.
Figure 9. Inductive Load Driver Schematic


Número de pieza similar - TPL7407LPW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPL7407LA TI1-TPL7407LA Datasheet
998Kb / 22P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA Datasheet
1Mb / 25P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA Datasheet
478Kb / 21P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA-Q1 TI1-TPL7407LA-Q1 Datasheet
478Kb / 21P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LAD TI1-TPL7407LAD Datasheet
1Mb / 25P
[Old version datasheet]   30-V 7-Channel Low Side Driver
More results

Descripción similar - TPL7407LPW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPL7407L TI-TPL7407L_15 Datasheet
844Kb / 23P
[Old version datasheet]   TPL7407L 40-V 7-Channel Low Side Driver
TPL7407LA-Q1 TI1-TPL7407LA-Q1 Datasheet
478Kb / 21P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA Datasheet
998Kb / 22P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA_18 Datasheet
1Mb / 25P
[Old version datasheet]   30-V 7-Channel Low Side Driver
logo
Infineon Technologies A...
TLE7231G INFINEON-TLE7231G_15 Datasheet
906Kb / 30P
   4 channel low-side driver
Rev. 1.2, May 2014
logo
Texas Instruments
TPS929120-Q1 TI1-TPS929120-Q1 Datasheet
1Mb / 104P
[Old version datasheet]   12-Channel Automotive 40-V High-Side LED Driver With FlexWire Interface
DRV8860 TI-DRV8860_15 Datasheet
1Mb / 40P
[Old version datasheet]   DRV8860x 38-V 8-Channel Serial Interface Low-Side Driver
TPS929121-Q1 TI-TPS929121-Q1 Datasheet
7Mb / 166P
[Old version datasheet]   TPS929121-Q1 12-Channel Automotive 40-V High-Side LED Driver With FlexWire
TPS929121-Q1 TI-TPS929121-Q1_V01 Datasheet
8Mb / 168P
[Old version datasheet]   TPS929121-Q1 12-Channel Automotive 40-V High-Side LED Driver With FlexWire
logo
Infineon Technologies A...
TLE7231G INFINEON-TLE7231G Datasheet
556Kb / 30P
   SPIDER - 4 channel low side driver
Rev. 1.0, February 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com