Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS1H100AQPWPRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS1H100AQPWPRQ1
Descripción Electrónicos  TPS1H100-Q1 40-V, 100-m Single-Channel Smart High-Side Power Switch
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1H100AQPWPRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS1H100AQPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPS1H100AQPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS1H100AQPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS1H100AQPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS1H100AQPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS1H100AQPWPRQ1 Datasheet HTML 9Page - Texas Instruments TPS1H100AQPWPRQ1 Datasheet HTML 10Page - Texas Instruments TPS1H100AQPWPRQ1 Datasheet HTML 11Page - Texas Instruments TPS1H100AQPWPRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
Open Load
Open
Load
In
CS
ST
Tol,off
Tol,on
Vcs,H
Tol,off
Tcs, on2
Tcs, off1
Tcs, on1
Tcs, off2
In
Iout
Diag-En
CS
TPS1H100-Q1
SLVSCM2B – OCTOBER 2014 – REVISED JUNE 2015
www.ti.com
7.6 Timing Requirements – Current Sense Characteristics
(1)
MIN
NOM
MAX
UNIT
CS settling time
VIN = 5 V, Iload ≥ 5 mA. VDIAG_EN from 5 to 0 V. CS to 10% of sense
tCS,off1
10
µs
from DIAG disabled
value.
CS settling time
VIN = 5 V, Iload ≥ 5 mA. VDIAG_EN from 0 to 5 V. CS to 90% of sense
tCS,on1
10
µs
from DIAG enabled
value.
VDIAG_EN = 5 V, Iload ≥ 5 mA. IN from 5 to 0 V. CS to 10% of sense
10
µs
CS settling time
value.
tCS,off2
from IN falling edge
VDIAG_EN = 5 V, Iload ≥ 5 mA. IN from 5 to 0 V. Current limit triggered.
180
µs
CS settling time
VS = 13.5 V, VDIAG_EN = 5 V, Iload ≥ 100 mA. VIN from 0 to 5 V. CS to
tCS,on2
150
µs
from IN rising edge
90% of sense value.
(1)
Value specified by design, not subject to production test.
Figure 3. CS Delay Characteristics
Figure 4. Open Load Blanking Time Characteristics
8
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPS1H100-Q1


Número de pieza similar - TPS1H100AQPWPRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS1H000-Q1 TI1-TPS1H000-Q1 Datasheet
793Kb / 27P
[Old version datasheet]   40-V 1-(ohm) Single-Channel Smart High-Side Switch
TPS1H000AQDGNRQ1 TI1-TPS1H000AQDGNRQ1 Datasheet
793Kb / 27P
[Old version datasheet]   40-V 1-(ohm) Single-Channel Smart High-Side Switch
TPS1H200-Q1 TI1-TPS1H200-Q1 Datasheet
848Kb / 32P
[Old version datasheet]   40-V 200-m(ohm) Single-Channel Smart High-Side Switch
TPS1H200A-Q1 TI1-TPS1H200A-Q1 Datasheet
848Kb / 32P
[Old version datasheet]   40-V 200-m(ohm) Single-Channel Smart High-Side Switch
TPS1H200AQDGNRQ1 TI1-TPS1H200AQDGNRQ1 Datasheet
848Kb / 32P
[Old version datasheet]   40-V 200-m(ohm) Single-Channel Smart High-Side Switch
More results

Descripción similar - TPS1H100AQPWPRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS1HB50-Q1 TI-TPS1HB50-Q1_V01 Datasheet
1Mb / 47P
[Old version datasheet]   TPS1HB50-Q1 40-V, 50-m廓 Single-Channel Smart High-Side Switch
TPS1HB08-Q1 TI1-TPS1HB08-Q1_V01 Datasheet
954Kb / 45P
[Old version datasheet]   TPS1HB08-Q1 40-V, 8-m廓 Single-Channel Smart High-Side Switch
TPS1HB50-Q1 TI1-TPS1HB50-Q1 Datasheet
526Kb / 37P
[Old version datasheet]   TPS1HB50-Q1 40-V, 50-m廓 Single-Channel Smart High-Side Switch
TPS1HB08-Q1 TI1-TPS1HB08-Q1_V02 Datasheet
1Mb / 47P
[Old version datasheet]   TPS1HB08-Q1 40-V, 8-m廓 Single-Channel Smart High-Side Switch
TPS1HB16-Q1 TI1-TPS1HB16-Q1_V01 Datasheet
1Mb / 50P
[Old version datasheet]   TPS1HB16-Q1 40-V, 16-m廓 Single-Channel Smart High-Side Switch
TPS1HB35-Q1 TI-TPS1HB35-Q1_V01 Datasheet
2Mb / 55P
[Old version datasheet]   TPS1HB35-Q1 40-V, 35-m廓 Single-Channel Smart High-Side Switch
TPS2HB35-Q1 TI1-TPS2HB35-Q1_V02 Datasheet
1Mb / 58P
[Old version datasheet]   TPS2HB35-Q1 40-V, 35-m廓 Dual-Channel Smart High-Side Switch
TPS2HB50-Q1 TI1-TPS2HB50-Q1_V01 Datasheet
1Mb / 55P
[Old version datasheet]   TPS2HB50-Q1 40-V, 50-m廓 Dual-Channel Smart High-Side Switch
TPS1H200-Q1 TI1-TPS1H200-Q1 Datasheet
848Kb / 32P
[Old version datasheet]   40-V 200-m(ohm) Single-Channel Smart High-Side Switch
TPS1HA08-Q1 TI1-TPS1HA08-Q1 Datasheet
236Kb / 7P
[Old version datasheet]   40-V, 8-m(ohm) Single-Channel Smart High-Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com