Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS2022DRG4Q1 Datasheet(PDF) 4 Page - Texas Instruments |
|
|
TPS2022DRG4Q1 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 27 page TPS2020-Q1, TPS2021-Q1 TPS2022-Q1, TPS2024-Q1 SGLS260G – SEPTEMBER 2004 – REVISED JUNE 2010 www.ti.com ABSOLUTE MAXIMUM RATINGS over operating free-air temperature range (unless otherwise noted) (1) VI(IN) (2) Input voltage range –0.3 V to 6 V VO(OUT) (2) Output voltage range –0.3 V to VI(IN) + 0.3 V VI(EN) Input voltage range –0.3 V to 6 V IO(OUT) Continuous output current Internally limited Continuous total power dissipation See Dissipation Rating Table TJ Operating virtual junction temperature range –40°C to 125°C Tstg Storage temperature range –65°C to 150°C Human body model 2 kV ESD Electrostatic discharge protection Machine model 200 V Charged device model (CDM) 750 V (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltages are with respect to GND. DISSIPATION RATINGS TA ≤ 25°C DERATING FACTOR TA = 70°C TA = 85°C PACKAGE POWER RATING ABOVE TA = 25°C POWER RATING POWER RATING D 725 mW 5.8 mW/°C 464 mW 377 mW RECOMMENDED OPERATING CONDITIONS MIN MAX UNIT VI(IN) 2.7 5.5 V Input voltage VI(EN) 0 5.5 V TPS2020 0 0.2 TPS2021 0 0.6 IO Continuous output current A TPS2022 0 1 TPS2024 0 2 TJ Operating virtual junction temperature –40 125 °C 4 Submit Documentation Feedback Copyright © 2004–2010, Texas Instruments Incorporated Product Folder Link(s): TPS2020-Q1 TPS2021-Q1 TPS2022-Q1 TPS2024-Q1 |
Número de pieza similar - TPS2022DRG4Q1 |
|
Descripción similar - TPS2022DRG4Q1 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |