Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

BZX84C3V3 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de Pieza. BZX84C3V3
Descripción  Zeners
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

BZX84C3V3 Datasheet(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BZX84 Series Rev. C
Tolerance: C = 5%
Zeners
BZX84C 3V3 - BZX84C 33
Electrical Characteristics
T
A = 25°C unless otherwise noted
Absolute Maximum Ratings*
T
A = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
IFRM
Repetitive Peak Forward Current (IFRM)
250
mA
IZRM
Repetitive Peak Working Current (IZRM)
250
mA
PD
Power Dissipation
350
mW
TSTG
Storage Temperature Range
-55 to +150
°C
TJ
Operating Junction Temperature
+ 150
°C
*These ratings are limiting values above which the serviceability of the diode may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed
or low duty cycle operations.
CONNECTION
DIAGRAM
2 NC
3
1
IZ = 5.0 mA
IZ = 1.0 mA
IZ = 20 mA
V
Z(V)
V
Z(V)
V
Z(V)
Device
Mark
MIN
MAX
Z
Z(Ω
Ω)
MIN
MAX
Z
Z(Ω
Ω)
MIN
MAX
Z
Z(Ω
Ω)
BZX84C 3V3
BZX84C 3V6
BZX84C 3V9
BZX84C 4V3
BZX84C 4V7
BZX84C 5V1
BZX84C 5V6
BZX84C 6V2
Z14
Z15
Z16
Z17
Z1
Z2
Z3
Z4
3.1
3.4
3.7
4.0
4.4
4.8
5.2
5.8
3.5
3.8
4.1
4.6
5.0
5.4
6.0
6.6
95
90
90
90
80
60
40
10
2.3
2.7
2.9
3.3
3.7
4.2
4.8
5.6
2.9
3.3
3.5
4.0
4.7
5.3
6.0
6.6
600
600
600
600
500
480
400
150
3.6
3.9
4.1
4.4
4.5
5.0
5.2
5.8
4.2
4.5
4.7
5.1
5.4
5.9
6.3
6.8
40
40
30
30
15
15
10
6
BZX84C 6V8
BZX84C 7V5
BZX84C 8V2
BZX84C 9V1
Z5
Z6
Z7
Z8
6.4
7.0
7.7
8.5
7.2
7.9
8.7
9.6
15
15
15
15
6.3
6.9
7.6
8.4
7.2
7.9
8.7
9.6
80
80
80
100
6.4
7.0
7.7
8.5
7.4
8.0
8.8
9.7
6
6
6
8
BZX84C 10
BZX84C 11
BZX84C 12
BZX84C 13
BZX84C 15
Z9
Y1
Y2
Y3
Y4
9.4
10.4
11.4
12.4
13.8
10.6
11.6
12.7
14.1
15.6
20
20
25
30
30
9.3
10.2
11.2
12.3
13.7
10.6
11.6
12.7
14.0
15.5
150
150
150
170
200
9.4
10.4
11.4
12.5
13.9
10.7
11.8
12.9
14.2
15.7
10
10
10
15
20
BZX84C 16
BZX84C 18
BZX84C 20
BZX84C 22
BZX84C 24
Y5
Y6
Y7
Y8
Y9
15.3
16.8
18.8
20.8
22.8
17.1
19.1
21.2
23.3
25.6
40
45
55
55
70
15.2
16.7
18.7
20.7
22.7
17
19
21.1
23.2
25.5
200
225
225
250
250
15.4
16.9
18.9
20.9
22.9
17.2
19.2
21.4
23.4
25.7
20
20
20
25
25
NOTE: National preferred devices in BOLD
SOT-23
3
1
2
2001 Fairchild Semiconductor Corporation


Html Pages

1  2  3  4 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
1N4370AZeners 1 2 3 4 Fairchild Semiconductor
BZX55CSeries Half Watt Zeners 1 Fairchild Semiconductor
1N5985BZeners 1 2 3 4 5 Fairchild Semiconductor
BZX79CSeries Half Watt Zeners 1 2 Fairchild Semiconductor
BZX85C3V3Zeners 1 2 3 4 5 Fairchild Semiconductor
BZX84CSeries Zeners 1 2 3 4 5 MoreFairchild Semiconductor
1N746AZeners 1 2 3 Fairchild Semiconductor
BZX85CZeners 1 2 3 Fairchild Semiconductor
BZX79C5V1Zeners 1 2 3 4 5 Fairchild Semiconductor
1N4752AOne Watt Zeners 1 2 Fairchild Semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn