Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

BZX84C3V3 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de Pieza. BZX84C3V3
Descripción  Zeners
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

BZX84C3V3 Datasheet(HTML) 2 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BZX84 Series Rev. C
Electrical Characteristics (continued)
TA = 25°C unless otherwise noted
IZ = 2.0 mA
IZ = 100 µ
µµµA
IZ = 10 mA
V
Z (V)
V
Z (V)
V
Z (V)
Device
Mark
MIN
MAX
Z
Z(Ω
Ω)
MIN
MAX
Z
Z(Ω
Ω)
MIN
MAX
Z
Z(Ω
Ω)
BZX84C 27
BZX84C 30
BZX84C 33
Y10
Y11
Y12
25.1
28
31
28.9
32
35
80
80
80
25
27.8
30.8
28.9
32
35
300
300
325
25.2
28.1
31.1
29.3
32.4
35.4
45
50
55
V
F Foward Voltage = 0.9 V Maximum @ IF = 10 mA for all BZX 84 series
*Capacitance @ VR= 0.0 volts; Frequency = 1.0 megahertz.
D
VZ / Dt @ 5.0 mA(mV/k)
Device
V
R
(V)
I
R
(
µµµµA)
CAP*
(pF)
MIN
MAX
BZX84C 3V3
BZX84C 3V6
BZX84C 3V9
BZX84C 4V3
BZX84C 4V7
BZX84C 5V1
BZX84C 5V6
BZX84C 6V2
BZX84C 6V8
BZX84C 7V5
1.0
1.0
1.0
1.0
2.0
2.0
2.0
4.0
4.0
5.0
5.0
5.0
5.0
5.0
3
2
1
3
2
1
450
450
450
450
260
225
200
185
155
140
- 3.5
- 3.5
- 3.5
- 3.5
- 3.5
- 2.7
- 2.0
+ 0.4
+ 1.2
+ 2.5
0.0
0.0
0.0
0.0
+ 0.2
+ 1.2
+ 2.5
+ 3.7
+ 4.5
+ 5.3
BZX84C 8V2
BZX84C 9V1
BZX84C 10
BZX84C 11
BZX84C 12
BZX84C 13
5.0
6.0
7.0
8.0
8.0
8.0
0.7
0.5
0.2
0.1
0.1
0.1
135
130
130
130
130
120
+ 3.2
+ 3.8
+ 4.5
+ 5.4
+ 6.0
+ 7.0
+ 6.2
+ 7.0
+ 8.0
+ 9.0
+ 10
+ 11
BZX84C 15
BZX84C 16
BZX84C 18
BZX84C 20
BZX84C 22
BZX84C 24
10.5
11.2
12.6
14
15.4
16.8
0.05
0.05
0.05
0.05
0.05
0.05
110
105
100
85
85
80
+ 9.2
+ 10.4
+ 12.4
+ 14.4
+ 16.4
+ 18.4
+ 13
+ 14
+ 16
+ 18
+ 20
+ 22
BZX84C 27
BZX84C 30
BZX84C 33
18.9
21
23.1
0.05
0.05
0.05
70
70
70
+ 21.4
+ 24.4
+ 27.4
+ 25.3
+ 29.4
+ 33.4
Zeners (BZX84C 3V3 - BZX84C 33)
(continued)


Html Pages

1  2  3  4 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
1N4370AZeners 1 2 3 4 Fairchild Semiconductor
BZX55CSeries Half Watt Zeners 1 Fairchild Semiconductor
1N5985BZeners 1 2 3 4 5 Fairchild Semiconductor
BZX79CSeries Half Watt Zeners 1 2 Fairchild Semiconductor
BZX85C3V3Zeners 1 2 3 4 5 Fairchild Semiconductor
BZX84CSeries Zeners 1 2 3 4 5 MoreFairchild Semiconductor
1N746AZeners 1 2 3 Fairchild Semiconductor
BZX85CZeners 1 2 3 Fairchild Semiconductor
BZX79C5V1Zeners 1 2 3 4 5 Fairchild Semiconductor
1N4752AOne Watt Zeners 1 2 Fairchild Semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn