Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2148IDGNG4 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza TPS2148IDGNG4
Descripción Electrónicos  3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2148IDGNG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2148IDGNG4 Datasheet HTML 4Page - Texas Instruments TPS2148IDGNG4 Datasheet HTML 5Page - Texas Instruments TPS2148IDGNG4 Datasheet HTML 6Page - Texas Instruments TPS2148IDGNG4 Datasheet HTML 7Page - Texas Instruments TPS2148IDGNG4 Datasheet HTML 8Page - Texas Instruments TPS2148IDGNG4 Datasheet HTML 9Page - Texas Instruments TPS2148IDGNG4 Datasheet HTML 10Page - Texas Instruments TPS2148IDGNG4 Datasheet HTML 11Page - Texas Instruments TPS2148IDGNG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TPS2148
TPS2158
SLVS373 − AUGUST 2001
8
www.ti.com
detailed description
VIN/SWIN1
The VIN/SWIN1 serves as the input to the internal LDO and as the input to one N-channel MOSFET. The 3.3-V
LDO has a dropout voltage of 0.35 V and is rated for 200 mA of continuous current. The power switch is an
N-channel MOSFET with a maximum on-state resistance of 580 m
Ω. Configured as a high-side switch, the
power switch prevents current flow from OUT to IN and IN to OUT when disabled. The power switch is rated
at 150 mA, continuous current. VIN/SWIN1 must be connected to a voltage source for device operation.
OUTx
OUT1 and OUT2 are the outputs from the internal power-distribution switches.
LDO_OUT
LDO_OUT is the output of the internal 200-mA LDO. It is also the input to a second power switch. This power
switch in an N-channel MOSFET with a maximum on-state resistance of 580 m
Ω. Configured as a high-side
switch, the power switch prevents current flow from OUT to IN and IN to OUT when disabled. The power switch
is rated at 150 mA, continuous current.
LDO_EN
The active high input, LDO_EN, is used to enable the internal LDO and is compatible with TTL and CMOS logic.
enable (ENx, ENx)
The logic enable disables the power switch. Both switches have independent enables and are compatible with
both TTL and CMOS logic.
current sense
A sense FET monitors the current supplied to the load. Current is measured more efficiently by the sense FET
than by conventional resistance methods. When an overload or short circuit is encountered, the current-sense
circuitry sends a control signal to the driver. The driver in turn reduces the gate voltage and drives the power
FET into its saturation region, which switches the output into a constant-current mode and holds the current
constant while varying the voltage on the load.
thermal sense
A dual-threshold thermal trip is implemented to allow fully independent operation of the power distribution
switches. In an overcurrent or short-circuit condition, the junction temperature rises. When the die temperature
rises to approximately 120
°C, the internal thermal sense circuitry determines which power switch is in an
overcurrent condition and turns off that switch, thus isolating the fault without interrupting operation of the
adjacent power switch. Because hysteresis is built into the thermal sense, the switch turns back on after the
device has cooled approximately 10 degrees. The switch continues to cycle off and on until the fault is removed.
undervoltage lockout
A voltage sense circuit monitors the input voltage. When the input voltage is below approximately 2.5 V, a control
signal turns off the power switch.
toff
tpd(off)
ton
tpd(on)
50%
50%
90%
90%
10%
10%
tr
tf
90%
90%
10%
10%
VI(ENx)
VO(OUTx)
VO(OUTx)
TIMING
Figure 1. Timing and Internal Voltage Regulator Transition Waveforms


Número de pieza similar - TPS2148IDGNG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2148IDGN TI-TPS2148IDGN Datasheet
268Kb / 19P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
TPS2148IDGN TI-TPS2148IDGN Datasheet
274Kb / 19P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
TPS2148IDGN TI-TPS2148IDGN Datasheet
570Kb / 29P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
TPS2148IDGN TI-TPS2148IDGN Datasheet
1Mb / 34P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
More results

Descripción similar - TPS2148IDGNG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2148 TI-TPS2148 Datasheet
251Kb / 18P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
TPS2158 TI-TPS2158 Datasheet
274Kb / 19P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
TPS2149IDGNG4 TI1-TPS2149IDGNG4 Datasheet
457Kb / 23P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
TPS2149 TI-TPS2149 Datasheet
268Kb / 19P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
TPS2140 TI-TPS2140 Datasheet
367Kb / 25P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB HIGH-POWER PERIPHERAL POWER MANAGEMENT
logo
California Micro Device...
CMPWR160 CALMIRCO-CMPWR160 Datasheet
124Kb / 10P
   USB peripheral Power Management
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
ON Semiconductor
NCV47411 ONSEMI-NCV47411 Datasheet
128Kb / 14P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and 3.3 V
December, 2013 ??Rev. 1
logo
Texas Instruments
LM10502 TI1-LM10502 Datasheet
932Kb / 35P
[Old version datasheet]   Dual Buck LDO Power Management Unit
logo
Richtek Technology Corp...
RT9054 RICHTEK-RT9054 Datasheet
306Kb / 11P
   Portable Power Management 300mA Dual LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com