Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2110APWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2110APWR
Descripción Electrónicos  AUTOSWITCHING POWER MUX
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2110APWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2110APWR Datasheet HTML 5Page - Texas Instruments TPS2110APWR Datasheet HTML 6Page - Texas Instruments TPS2110APWR Datasheet HTML 7Page - Texas Instruments TPS2110APWR Datasheet HTML 8Page - Texas Instruments TPS2110APWR Datasheet HTML 9Page - Texas Instruments TPS2110APWR Datasheet HTML 10Page - Texas Instruments TPS2110APWR Datasheet HTML 11Page - Texas Instruments TPS2110APWR Datasheet HTML 12Page - Texas Instruments TPS2110APWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
V
2V/div
I(D0)
V
2V/div
I(D1)
V
2V/div
O(OUT)
OUTPUTSWITCHOVERRESPONSE
OutputSwitchoverResponseTestCircuit
t
Time
1ms/div
-
-
TPS2111APW
D0
D1
VSNS
ILIM
IN1
OUT
IN2
GND
8
7
6
5
1
2
3
4
50 W
0.1 F
m
0.1 F
m
3.3V
5V
400 W
f=28Hz
78%DutyCycle
1 F
m
V
2V/div
I(D0)
V
2V/div
I(D1)
V
2V/div
O(OUT)
OUTPUTTURN-ONRESPONSE
t
Time
2ms/div
-
-
OutputTurn-OnResponseTestCircuit
TPS2111APW
D0
D1
VSNS
ILIM
IN1
OUT
IN2
GND
8
7
6
5
1
2
3
4
50 W
1 F
m
0.1 F
m
0.1 F
m
3.3V
5V
400 W
f=28Hz
78%DutyCycle
TPS2110A
TPS2111A
www.ti.com
SBVS043A – MARCH 2004 – REVISED MARCH 2010
TYPICAL CHARACTERISTICS
Figure 2.
Figure 3.
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS2110A TPS2111A


Número de pieza similar - TPS2110APWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2110APWR TI-TPS2110APWR Datasheet
204Kb / 20P
[Old version datasheet]   AUTOSWITHING POWER MUX
TPS2110APWRG4 TI-TPS2110APWRG4 Datasheet
204Kb / 20P
[Old version datasheet]   AUTOSWITHING POWER MUX
More results

Descripción similar - TPS2110APWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2114A TI-TPS2114A Datasheet
211Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI-TPS2110 Datasheet
179Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI1-TPS2110_15 Datasheet
1Mb / 24P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A Datasheet
206Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A_06 Datasheet
263Kb / 21P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113PWR TI1-TPS2113PWR Datasheet
760Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRBR TI1-TPS2115ADRBR Datasheet
878Kb / 27P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113 TI-TPS2113 Datasheet
162Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRB TI1-TPS2115ADRB Datasheet
817Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
TPS2115 TI-TPS2115 Datasheet
310Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com