Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS2211IDB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS2211IDB
Descripción  SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
Descarga  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS2211IDB Datasheet(HTML) 1 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TPS2211
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH
FOR PARALLEL PCMCIA CONTROLLERS
SLVS156E – JULY 1997 – REVISED JANUARY 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Fully Integrated VCC and Vpp Switching for
Single-Slot PC Card
 Interface
D Low rDS(on) (90-mΩ 5-V VCC Switch and
3.3-V VCC Switch)
D Compatible With Controllers From Cirrus,
Ricoh, O2Micro, Intel, and Texas
Instruments
D 3.3-V Low-Voltage Mode
D Meets PC Card Standards
D 12-V Supply Can Be Disabled Except
During 12-V Flash Programming
D Short-Circuit and Thermal Protection
D Space-Saving 16-Pin SSOP (DB)
D Compatible With 3.3-V, 5-V, and 12-V
PC Cards
D Break-Before-Make Switching
description
The TPS2211 PC Card power-interface switch provides an integrated power-management solution for a single
PC Card. All of the discrete power MOSFETs, a logic section, current limiting, and thermal protection for PC Card
control are combined on a single integrated circuit, using the Texas Instruments LinBiCMOS
 process. The
circuit allows the distribution of 3.3-V, 5-V, and/or 12-V card power, and is compatible with many PCMCIA
controllers. The current-limiting feature eliminates the need for fuses, which reduces component count and
improves reliability. Current-limit reporting can help the user isolate a system fault to the PC Card.
The TPS2211 features a 3.3-V low-voltage mode that allows for 3.3-V switching without the need for 5 V. Bias
power can be derived from either the 3.3-V or 5-V inputs. This facilitates low-power system designs such as
sleep mode and pager mode where only 3.3 V is available.
End equipment for the TPS2211 includes notebook computers, desktop computers, personal digital assistants
(PDAs), digital cameras, and bar-code scanners.
AVAILABLE OPTIONS
PACKAGED DEVICE
CHIP FORM
TA
SMALL OUTLINE
(DB)
CHIP FORM
(Y)
–40
°C to 85°C
TPS2211IDBR
TPS2211Y
The DB package is only available taped and reeled, indicated by the
R suffix on the device type.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PC Card is a trademark of PCMCIA (Personal Computer Memory Card International Association).
LinBiCMOS is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCCD0
VCCD1
3.3V
3.3V
5V
5V
GND
OC
SHDN
VPPD0
VPPD1
AVCC
AVCC
AVCC
AVPP
12V
DB PACKAGE
(TOP VIEW)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn