Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2068DR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2068DR
Descripción Electrónicos  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2068DR Datasheet(HTML) 2 Page - Texas Instruments

  TPS2068DR Datasheet HTML 1Page - Texas Instruments TPS2068DR Datasheet HTML 2Page - Texas Instruments TPS2068DR Datasheet HTML 3Page - Texas Instruments TPS2068DR Datasheet HTML 4Page - Texas Instruments TPS2068DR Datasheet HTML 5Page - Texas Instruments TPS2068DR Datasheet HTML 6Page - Texas Instruments TPS2068DR Datasheet HTML 7Page - Texas Instruments TPS2068DR Datasheet HTML 8Page - Texas Instruments TPS2068DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
TPS2060, TPS2064
TPS2068, TPS2069
SLVS553K
– MARCH 2005 – REVISED MAY 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
AVAILABLE OPTION AND ORDERING INFORMATION
RECOMMENDED
TYPICAL
PACKAGED
MAXIMUM
SHORT-CIRCUIT
NUMBER OF
DEVICES (1) (2)
TA
ENABLE
CONTINUOUS
CURRENT LIMIT
SWITCHES
MSOP (DGN)
SON (DRB)
LOAD CURRENT
AT 25
°C
Active low
TPS2060DGN
TPS2060DRB
0
°C to 70°C
Dual
Active high
TPS2064DGN
TPS2064DRB
Active low
1.5 A
2.1 A
TPS2068DGN
–40°C to 85°C
Single
Active high
TPS2069DGN
0
°C to 70°C
Active low
Single
TPS2068D
(1)
The package is available taped and reeled. Add an R suffix to device types (e.g., TPS2060DGN).
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted
(1)
UNIT
Input voltage range, VI(IN)
–0.3 V to 6 V
VI
Input voltage range, VI(/ENx), VI(ENx)
–0.3 V to 6 V
Voltage range, VI(/OC), VI(/OCx)
–0.3 V to 6 V
VO
Output voltage range, VO(OUT), VO(OUTx)
–0.3 V to 6 V
IO
Continuous output current, IO(OUT), IO(OUTx)
Internally limited
Continuous total power dissipation
See Dissipation Rating Table
TPS2060/64
0
°C to 105°C
Operating virtual junction temperature
TJ
TPS2068/69 (DGN Package)
–40°C to 105°C
range
TPS2068 (D Package)
0
°C to 105°C
Tstg
Storage temperature range
–65°C to 150°C
Human body model MIL-STD-883C
2 kV
ESD
Electrostatic discharge protection
Charge device model (CDM)
500 V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATING RATING TABLE
(1)
THERMAL
TA < 25°C
DERATING
TA = 70°C
TA = 85°C
PACKAGE
RESISTANCE
POWER RATING
FACTOR
POWER RATING
POWER RATING
θJA
ABOVE TA = 25°C
DGN-8(2)
1370 mW
17 mW/
°C
600 mW
342 mW
D-8
585.82 mW
5.8582 mW/
°C
322.20 mW
234.32 mW
DRB-8 (Low-K)(3)
270
°CW
370 mW
3.71 mW/
°C
203 mW
148 mW
DRB-8 (High-K)(4)
60
°CW
1600 mW
16.67 mW/
°C
916 mW
866 mW
(1)
Heatsink the PowerPad
™per the recommendations of SLMA002. PCB used for recommendations per appendix A4.
(2)
See Recommended Operating Conditions Table for PowerPad connection guidelines to meet qualifying conditions for CB Certificate.
(3)
Soldered PowerPAD on a standard 2-layer PCB without vias for thermal pad. See TI application note SLMA002 for further details.
(4)
Soldered PowerPAD on a standard 4-layer PCB with vias for thermal pad. See TI application note SLMA002 for further details.
2
Copyright
© 2005–2011, Texas Instruments Incorporated


Número de pieza similar - TPS2068DR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2068DGN TI-TPS2068DGN Datasheet
800Kb / 30P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2068DGNG4 TI-TPS2068DGNG4 Datasheet
800Kb / 30P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2068DGNR TI-TPS2068DGNR Datasheet
800Kb / 30P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2068DGNRG4 TI-TPS2068DGNRG4 Datasheet
800Kb / 30P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Descripción similar - TPS2068DR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com