Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2228 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza TPS2228
Descripción Electrónicos  PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2228 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2228_16 Datasheet HTML 5Page - Texas Instruments TPS2228_16 Datasheet HTML 6Page - Texas Instruments TPS2228_16 Datasheet HTML 7Page - Texas Instruments TPS2228_16 Datasheet HTML 8Page - Texas Instruments TPS2228_16 Datasheet HTML 9Page - Texas Instruments TPS2228_16 Datasheet HTML 10Page - Texas Instruments TPS2228_16 Datasheet HTML 11Page - Texas Instruments TPS2228_16 Datasheet HTML 12Page - Texas Instruments TPS2228_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
TPS2228
TPS2221
SLVS419C − MAY 2002 REVISED DECEMBER 2008
www.ti.com
9
PARAMETER MEASUREMENT INFORMATION
Figure 7
0
20
40
60
80
100
120
140
160
180
−50
−20
10
40
70
100
3.3VIN AND 5VIN INPUT CURRENT
vs
JUNCTION TEMPERATURE
xVCC, xVPP/VCORE = 3.3 V
TPS2228 −3.3VIN
TJ − Junction Temperature − °C
TPS2221 − 3.3VIN
TPS2228 and TPS2221 − 5VIN
Figure 8
0
10
20
30
40
50
60
70
80
90
100
−40
25
100
TPS2228 − 3.3VIN
TPS2228 − 5VIN
TPS2221 − 3.3VIN
TPS2221 − 5VIN
xVCC = xVPP/VCORE = 5 V
3.3VIN AND 5VIN INPUT CURRENT
vs
JUNCTION TEMPERATURE
TJ − Junction Temperature − °C
Figure 9
0
5
10
15
20
25
30
35
40
−50
−20
10
40
70
100
TPS2228
TPS2221
xVCC = 3.3 V
xVPP/VCORE = 1.8 V
1.8VIN INPUT CURRENT
vs
JUNCTION TEMPERATURE
TJ − Junction Temperature − °C
Figure 10
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
−50
−20
10
40
70
100
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
(3.3VIN TO xVCC SWITCH)
vs
JUNCTION TEMPERATURE
TJ − Junction Temperature − °C


Número de pieza similar - TPS2228_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2228DB TI-TPS2228DB Datasheet
175Kb / 23P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
TPS2228PWP TI-TPS2228PWP Datasheet
175Kb / 23P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
More results

Descripción similar - TPS2228_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2228 TI-TPS2228 Datasheet
175Kb / 23P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
TPS2211 TI-TPS2211 Datasheet
323Kb / 22P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2211A TI-TPS2211A Datasheet
454Kb / 19P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211 TI1-TPS2211_12 Datasheet
661Kb / 23P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2216 TI-TPS2216 Datasheet
371Kb / 27P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2205 TI-TPS2205 Datasheet
463Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2205 TI1-TPS2205_13 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211A TI1-TPS2211A_16 Datasheet
879Kb / 28P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
logo
Vishay Siliconix
SI9706DY VISHAY-SI9706DY Datasheet
46Kb / 4P
   PC Card (PCMCIA) Interface Switch
Rev. G, 16-Feb-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com