Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2216ADAPG4 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza TPS2216ADAPG4
Descripción Electrónicos  DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2216ADAPG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPS2216ADAPG4 Datasheet HTML 1Page - Texas Instruments TPS2216ADAPG4 Datasheet HTML 2Page - Texas Instruments TPS2216ADAPG4 Datasheet HTML 3Page - Texas Instruments TPS2216ADAPG4 Datasheet HTML 4Page - Texas Instruments TPS2216ADAPG4 Datasheet HTML 5Page - Texas Instruments TPS2216ADAPG4 Datasheet HTML 6Page - Texas Instruments TPS2216ADAPG4 Datasheet HTML 7Page - Texas Instruments TPS2216ADAPG4 Datasheet HTML 8Page - Texas Instruments TPS2216ADAPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
TPS2214A, TPS2216A
DUALSLOT PC CARD POWER SWITCHES
FOR SERIAL PCMCIA CONTROLLERS
SLVS267C − DECEMBER 1999 − REVISED FEBRUARU 2008
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
5V
5V
NC
DATA
CLOCK
LATCH
RESET
12V
AVPP
AVCC
AVCC
AVCC
GND
RESET
NC
3.3V
5V
NC
MODE
NC
NC
NC
NC
12V
BVPP
BVCC
BVCC
BVCC
OC
STBY
3.3V
3.3V
TPS2216A
DAP PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
5V
5V
DATA
CLOCK
LATCH
RESET
12V
AVPP
AVCC
AVCC
AVCC
GND
NC
RESET
3.3V
5V
MODE
NC
NC
NC
NC
12V
BVPP
BVCC
BVCC
BVCC
STBY
OC
3.3V
3.3V
TPS2216A
DB PACKAGE
(TOP VIEW)
NC − No internal connection
Terminal Functions
TERMINAL
NO.
I/O
DESCRIPTION
NAME
TPS2214
TPS2216
I/O
DESCRIPTION
NAME
DB-24
DB-30
DAP
3.3V
13, 14
15, 16, 17
16, 17, 18
I
3.3-V input for card power and/or chip power if 5 V is not present
5V
1, 2, 24
1, 2, 30
1, 2, 32
I
5-V input for card power and/or chip power
12V
7, 20
7, 24
8, 25
I
12-V Vpp input card power
AVCC
9, 10
9, 10, 11
10, 11, 12
O
VCC output: 3.3-V, 5-V, GND or high impedance to card
AVPP
8
8
9
O
VPP output: 3.3-V, 5-V, 12-V, GND or high impedance to card
BVCC
17, 18
20, 21, 22
21, 22, 23
O
VCC output: 3.3-V, 5-V, GND or high impedance to card
BVPP
19
23
24
O
VPP output: 3.3-V, 5-V, 12-V, GND or high impedance to card
GND
11
12
13
Ground
MODE
22
29
30
I
TPS2206 operation when floating or pulled low; must be pulled high externally for
TPS2216A operation. MODE is internally pulled low with a 150-k
Ω pulldown
resistor.
OC
15
18
20
O
Logic-level output that goes low when an overcurrent or overtemperature condition
exists.
RESET
6
6
7
I
Logic-level reset input active high. Do not connect if RESET pin is used. RESET
is internally pulled low with a 150-k
Ω pulldown resistor.
RESET
12
14
14
I
Logic-level reset input active low. Do not connect if RESET pin is used. The pin is
internally pulled high with a 150-k
Ω pullup resistor.
STBY
16
19
19
I
Logic-level active low input sets the TPS2216 to standby mode and sets all current
limits to 50 mA. The pin is internally pulled high with a 150-k
Ω pullup resistor.
CLOCK
4
4
5
I
Logic-level clock for serial data word
DATA
3
3
4
I
Logic-level serial data word
LATCH
5
5
6
I
Logic-level latch for serial data word
NC
21, 23
13, 25, 26,
27, 28
3, 15, 26,
27, 28, 29,
31
No internal connection


Número de pieza similar - TPS2216ADAPG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2216ADAP TI-TPS2216ADAP Datasheet
380Kb / 27P
[Old version datasheet]   LOW-COST DUAL-SLOT PC CARD POWER SWITCH FOR SERIAL PCMCIA CONTROLLERS
More results

Descripción similar - TPS2216ADAPG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2223 TI1-TPS2223_16 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI1-TPS2216_16 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2202 TI-TPS2202 Datasheet
455Kb / 21P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2201IDFR TI-TPS2201IDFR Datasheet
922Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2201 TI-TPS2201 Datasheet
478Kb / 23P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2223 TI-TPS2223 Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI-TPS2216 Datasheet
371Kb / 27P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2214A TI-TPS2214A Datasheet
380Kb / 27P
[Old version datasheet]   LOW-COST DUAL-SLOT PC CARD POWER SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2220B TI-TPS2220B Datasheet
428Kb / 27P
[Old version datasheet]   POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com