Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2310 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza TPS2310
Descripción Electrónicos  DUAL HOT-SWAP POWER CONTROLLERS WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2310 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2310_15 Datasheet HTML 3Page - Texas Instruments TPS2310_15 Datasheet HTML 4Page - Texas Instruments TPS2310_15 Datasheet HTML 5Page - Texas Instruments TPS2310_15 Datasheet HTML 6Page - Texas Instruments TPS2310_15 Datasheet HTML 7Page - Texas Instruments TPS2310_15 Datasheet HTML 8Page - Texas Instruments TPS2310_15 Datasheet HTML 9Page - Texas Instruments TPS2310_15 Datasheet HTML 10Page - Texas Instruments TPS2310_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
TPS2310
TPS2311
www.ti.com
SLVS275H – FEBRUARY 2000 – REVISED JULY 2013
ELECTRICAL CHARACTERISTICS (Continued)
over recommended operating temperature range (–40°C < TA < 85°C), 3 V ≤ VI(IN1) ≤ 13 V, 3 V ≤ VI(IN2) ≤ 5.5 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VREG UVLO
V(TO_UVLOstart)
Output threshold voltage,
2.75
2.85
2.95
V
start
V(TO_UVLOstop)
Output threshold voltage,
2.65
2.78
V
stop
Vhys(UVLO)
Hysteresis
50
75
mV
UVLO sink current,
VI(GATEx) = 2 V
10
mA
GATEx
PWRGD1 and PWRGD2
VIT(ISENSEx)
Trip threshold, VSENSEx
VI(VSENSEx) decreasing
1.2
1.225
1.25
V
Hysteresis voltage,
Vhys
20
30
40
mV
power-good comparator
Output saturation voltage,
VO(sat_PWRGDx)
IO = 2 mA
0.2
0.4
V
PWRGDx
Minimum VO(VREG) for
VO(VREG_min)
IO = 100 μA, VO(PWRGDx) = 1 V
1
V
valid power-good
Input bias current, power-
VI(VSENSEx) = 5.5 V
1
μA
good comparator
Leakage current,
Ilkg(PWRGDx)
VO(PWRGDx) = 13 V
1
μA
PWRGDx
Delay time, rising edge,
VI(VSENSEx) increasing, overdrive = 20 mV,
tdr
25
μs
PWRGDx
tr = 100 ns
(1)
Delay time, falling edge,
VI(VSENSEx) decreasing, overdrive = 20 mV,
tdf
2
μs
PWRGDx
tr = 100 ns
(1)
FAULT OUTPUT
VO(sat_FAULT)
Output saturation voltage,
IO = 2 mA
0.4
V
FAULT
Ilkg(FAULT)
Leakage current, FAULT
VO(FAULT) = 13 V
1
µA
DISCH1 AND DISCH2
I(DISCH)
Discharge current,
VI(DISCHx) = 1.5 V, VI(VIN1) = 5 V
5
10
mA
DISCHx
VIH(DISCH)
Discharge on high-level
2
V
input voltage
VIL(DISCH)
Discharge on low-level
1
V
input voltage
(1)
Specified, but not production tested.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS2310 TPS2311


Número de pieza similar - TPS2310_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2310IPW TI-TPS2310IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2310IPW TI-TPS2310IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2310PW TI-TPS2310PW Datasheet
423Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
More results

Descripción similar - TPS2310_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2310 TI-TPS2310 Datasheet
423Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2300IPWR TI1-TPS2300IPWR Datasheet
456Kb / 25P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2331ID TI-TPS2331ID Datasheet
951Kb / 25P
[Old version datasheet]   SINGLE HOT-SWAP POWER CONTROLLERS WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2300 TI-TPS2300 Datasheet
422Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2330 TI-TPS2330 Datasheet
345Kb / 20P
[Old version datasheet]   SINGLE HOT SWAP POWER CONTROLLER WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2320IDRG4 TI-TPS2320IDRG4 Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320IPW TI-TPS2320IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2321IPW TI-TPS2321IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320 TI-TPS2320 Datasheet
409Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com