Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2311IPWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2311IPWR
Descripción Electrónicos  DUAL HOT-SWAP POWER CONTROLLERS WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2311IPWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2311IPWR Datasheet HTML 5Page - Texas Instruments TPS2311IPWR Datasheet HTML 6Page - Texas Instruments TPS2311IPWR Datasheet HTML 7Page - Texas Instruments TPS2311IPWR Datasheet HTML 8Page - Texas Instruments TPS2311IPWR Datasheet HTML 9Page - Texas Instruments TPS2311IPWR Datasheet HTML 10Page - Texas Instruments TPS2311IPWR Datasheet HTML 11Page - Texas Instruments TPS2311IPWR Datasheet HTML 12Page - Texas Instruments TPS2311IPWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
V
5V/div
I(
)
ENABLE
V
10V/div
O(
)
FAULT
V
10V/div
O(GATE2)
I
2 A/div
O(OUT2)
t – Time – 2ms/div
NoCapacitoronTimer
V
5V/div
I(
)
ENABLE
V
10V/div
O(
)
FAULT
V
10V/div
O(GATE2)
I
2 A/div
O(OUT2)
t – Time – 0.5ms/div
NoCapacitoronTimer
V
5V/div
I(
)
ENABLE
V
10V/div
O(
)
FAULT
V
10V/div
O(GATE1)
I
2 A/div
O(OUT1)
t – Time – 5ms/div
NoCapacitoronTimer
V
5V/div
I(
)
ENABLE
V
10V/div
O(
)
FAULT
V
10V/div
O(GATE1)
I
2 A/div
O(OUT1)
t – Time – 1ms/div
NoCapacitoronTimer
TPS2310
TPS2311
www.ti.com
SLVS275H – FEBRUARY 2000 – REVISED JULY 2013
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 5. Channel 1 Overcurrent Response:
Figure 6. Channel 1 Overcurrent Response: an
Overcurrent
Enabled Into Overcurrent Load
Load Plugged Into the Enabled Board
Figure 7. Channel 2 Overcurrent Response:
Figure 8. Channel 2 Overcurrent Response: an
Overcurrent
Enabled Into Overcurrent Load
Load Plugged Into the Enabled Board
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS2310 TPS2311


Número de pieza similar - TPS2311IPWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2311IPW TI-TPS2311IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2311IPW TI-TPS2311IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
More results

Descripción similar - TPS2311IPWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2310 TI-TPS2310 Datasheet
423Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2300IPWR TI1-TPS2300IPWR Datasheet
456Kb / 25P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2331ID TI-TPS2331ID Datasheet
951Kb / 25P
[Old version datasheet]   SINGLE HOT-SWAP POWER CONTROLLERS WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2300 TI-TPS2300 Datasheet
422Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2330 TI-TPS2330 Datasheet
345Kb / 20P
[Old version datasheet]   SINGLE HOT SWAP POWER CONTROLLER WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2320IDRG4 TI-TPS2320IDRG4 Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320IPW TI-TPS2320IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2321IPW TI-TPS2321IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320 TI-TPS2320 Datasheet
409Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com